Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7465 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7465
Description  2A Step-Down DC to DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7465 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7465 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev. 1.00
3
September 02, 2011
HT7465
Absolute Maximum Ratings
MaximumInputSupplyVoltage............................26V
SwitchNodeVoltage..............................................26V
FeedbackVoltage.....................................................6V
ENVoltage...............................................................6V
CompVoltage...........................................................6V
SSVoltage................................................................6V
MaximumJunctionTemperature....................... 150°C
Pin Description
Pin Name
Description
NC
Not used
BS
Internal power NMOS gate drive boost input.
A 10nF or greater value capacitor should be connected from SW to BS for additional Power NMOS
gate driving purposes.
VIN
Power supply input.
The input supply pin for the device, VIN, is connected to a supply voltage between 4.75V to 24V.
SW
Power switching output.
The internal power MOS drain is connected to the inductor, diode and VIN.
GND
Ground.
Device ground voltage reference.
FB
Feedback pin.
The feedback pin is connected to an external resistor divider to measure the output voltage.
COMP
Error amplifier output.
Used for compensation of the regulation control loop. Connect a series RC network from COMP to
GND to compensate the regulation control loop. The COMP pin value is 0.92V.
EN
Enable input.
This pin is set high to turn on the regulator and low to turn it off. The pin should be left unconnected
if not used.
SS
Soft-start input.
If the soft start function is to be used then an external capacitor should be connected between this
pin and ground. If the soft start function is not required the pin should be left open.
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“AbsoluteMaximumRatings”
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Recommended Operating Conditions
InputSupplyVoltage................................4.75V~24V
AmbientTemperatureRange............... -40°C~+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com