Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7465 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7465
Description  2A Step-Down DC to DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7465 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7465 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7465 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. 1.00
1
September 02, 2011
Rev. 1.00
PB
September 02, 2011
HT7465
2A Step-Down DC to DC Converter
Feature
• Inputvoltagerange:4.75Vto24V
• Variableoutputvoltagerange:0.92Vto20V
• 2Aoutputcurrent
• Efficiencyupto92%
• Fixed380kHzoperatingfrequency
• 20mAshutdowncurrent
• InternalpowerMOSFETswitch
• StableoperationusinglowESRceramiccapacitors
• Overtemperatureprotection
• Cycle-by-cycleovercurrentprotection
• Soft-startfunction
• Undervoltagelockoutprotection
• 8-pinSOPand10-pinMSOPpackage
Applications
• Batterychargers
• Distributedpowersystems
• LEDpowersupplies
• DSLmodems
• Linearregulatorprepowerprocessing
• Set-Top-Boxes,DVDplayers,LCDdisplays
General Description
TheHT7465isa2Ahighefficiencystep-downDC-
DCconverterwhichincludesafullyintegratedMOS
powertransistor.Thedeviceusesacurrent-mode
controloperatingmethodologyandcanoperateovera
wideinputvoltagerangeof4.75Vto24Vforwhichit
canprovideastableadjustableoutputvoltage.
Thedeviceincludesovertemperatureprotection,
overcurrentprotectionandundervoltagelockout
protection,featureswhichcombinetopreventdevice
damageduetooverloadconditions.Initsshutdown
modetheregulatordrawsamere20uAofsupply
current.
Thedeviceisavailablein8-pinSOPand10-pin
MSOPpackagetypesandprovidesaverycompact
system solution with a minimum of external
components.
Application Circuit
B230A
VIN
EN
SS
GND
COMP
HT7465
BS
SW
FB
22uF
10uF
L
10nF
10nF
R2
R1
VIN
VOUT


+
×
=
2
2
1
R
R
R
V
V
FB
OUT
4.75~24V
C4
C1
C2
C3
R3
C6
C5
Efficiency vs Output Current


Similar Part No. - HT7465

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
Step-Down DC to DC Converter
April 18, 2014
More results

Similar Description - HT7465

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com