Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7465 Datasheet (PDF) - Holtek Semiconductor Inc

HT7465 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7465
Download  HT7465 Download
File Size   1431.54 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2A Step-Down DC to DC Converter

HT7465 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7465 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7465
Download  HT7465 Click to download

File Size   1431.54 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 2A Step-Down DC to DC Converter

HT7465 Datasheet (HTML) - Holtek Semiconductor Inc


HT7465 Product details

General Description

The HT7465 is a 2A high efficiency step-down DC-DC converter which includes a fully integrated MOS power transistor. The device uses a current-mode control operating methodology and can operate over a wide input voltage range of 4.75V to 24V for which it can provide a stable adjustable output voltage.



Feature

• Input voltage range: 4.75V to 24V

• Variable output voltage range: 0.92V to 20V

• 2A output current

• Efficiency up to 92%

• Fixed 380kHz operating frequency

• 20mA shutdown current

• Internal power MOSFET switch

• Stable operation using low ESR ceramic capacitors

• Over temperature protection

• Cycle-by-cycle over current protection

• Soft-start function

• Under voltage lockout protection

• 8-pin SOP and 10-pin MSOP package



Applications

• Battery chargers

• Distributed power systems

• LED power supplies

• DSL modems

• Linear regulator pre power processing

• Set-Top-Boxes, DVD players, LCD displays




Similar Part No. - HT7465

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
Step-Down DC to DC Converter
April 18, 2014
More results


Similar Description - HT7465

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Silan Microelectronics ...
SD46520 SILAN-SD46520 Datasheet
505Kb / 8P
400KHZ 2A STEP-DOWN DC-DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
BCD Semiconductor Manuf...
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7260T ACE-ACE7260T Datasheet
159Kb / 3P
1.0MHz, 2A Synchronous Step-Down DC/DC Converter
VER 1.1
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com