Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9986 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9986
Description  Buffered H-Bridge
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9986 Datasheet HTML 1Page - Vishay Siliconix SI9986 Datasheet HTML 2Page - Vishay Siliconix SI9986 Datasheet HTML 3Page - Vishay Siliconix SI9986 Datasheet HTML 4Page - Vishay Siliconix SI9986 Datasheet HTML 5Page - Vishay Siliconix SI9986 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 70007
S-72211-Rev. F, 22-Oct-07
Vishay Siliconix
Si9986
Notes:
a. Device Mounted with all leads soldered or welded to PC board.
b. Derate 10 mW/°C above 25 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
ABSOLUTE MAXIMUM RATINGSa
Parameter
Limit
Unit
Voltage on any Pin with Respect to Ground
- 0.3 to VDD + 0.3
V
Voltage on Pins 5, 8 with Respect to GND
- 1 to VDD + 1
Voltage on Pins 1, 4
- 0.3 to GND + 1
Peak Output Current
1.5
A
Storage Temperature
- 65 to 150
°C
Maximum Junction Temperature (TJ)
150
Maximum VDD
15
V
Power Dissipationb
1W
Θ
JA
100
°C/W
Operating Temperature Range
Si9986CY
0 to 70
°C
Si9986DY
- 45 to 85
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
VDD
3.8 to 13.2
V
Maximum Junction Temperature (TJ)
125
°C
SPECIFICATIONS
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
VDD = 3.8 to 13.2 V
SA at GND, SB at GND
Limits
C Suffix, 0 to 70 °C
D Suffix, - 40 to 85 °C
Unit
Mina
Typb
Maxa
Input
Input Voltage High
VINH
2
V
Input Voltage Low
VINL
1
Input Current with Input Voltage High
IINH
VIN = 2 V
1
µA
Input Current with Input Voltage Low
IINL
VIN = 0 V
- 1
Output
Output Voltage High
VOUTH
IOUT = - 500 mA
VDD = 10.8 V
10.5
10.7
V
VDD = 4.5 V
4.1
4.3
IOUT = - 300 mA, VDD = 3.8 V
3.4
3.7
Output Voltage Low
VOUTL
IOUT = 500 mA
VDD = 10.8 V
0.2
0.3
VDD = 4.5 V
0.2
0.4
IOUT = 300 mA, VDD = 3.8 V
0.1
0.4
Output Leakage Current High
IOLH
INA = INB ≥ 2 V, VOUT = VDD = 13.2 V
- 10
0
µA
Output Leakage Current Low
IOLL
VOUT = 0, VDD = 13.2 V
0
10
Output V Clamp High
VCLH
INA = INB ≥ 2 V
IOUT = 100 mA
VDD + 0.7
V
Output V Clamp Low
VCLL
IOUT = - 100 mA
- 0.7
Supply
VDD Supply Current
IDD
IN = 100 kHz, VDD = 5 V
2
mA
INA = INB = 4.5 V, VDD = 5.5 V
300
µA
Dynamic
Propogation Delay Time
TPLH
VDD = 5 V
300
nS
TPHL
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com