Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9986 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9986
Description  Buffered H-Bridge
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9986 Datasheet HTML 1Page - Vishay Siliconix SI9986 Datasheet HTML 2Page - Vishay Siliconix SI9986 Datasheet HTML 3Page - Vishay Siliconix SI9986 Datasheet HTML 4Page - Vishay Siliconix SI9986 Datasheet HTML 5Page - Vishay Siliconix SI9986 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 70007
S-72211-Rev. F, 22-Oct-07
www.vishay.com
3
Vishay Siliconix
Si9986
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output High Voltage vs. Output Current
Supply Current vs. Supply Voltage
Supply Current vs. Temperature
0
3
6
9
12
15
0.50
0.75
1.00
1.25
1.50
Output Current (A)
VDD = 13.2 V
5.5 V
3.8 V
40
60
80
100
120
140
46
8
10
12
14
VDD - Supply Voltage (V)
60
80
100
120
140
160
180
200
-35
-
- 20
5
10
25
40
55
70
85
Temperature (°C)
VDD = 13.2 V
5.5 V
Output Low Voltage vs. Output Current
Supply Current vs. Supply Voltage
Supply Current vs. Temperature
0
100
200
300
400
500
600
700
0.50
0.75
1.00
1.25
1.50
Output Current (A)
VDD = 3.8 V
5.5 V
13.2 V
0
1
2
3
4
5
6
46
8
10
12
14
VDD - Supply Voltage (V)
f = 100 kHz
0
2
4
6
8
-35
- 20
-5
10
25
40
55
70
85
Temperature (°C)
VDD = 13.2 V
5.5 V
f = 100 kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com