Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI9986 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI9986
Description  Buffered H-Bridge
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI9986 Datasheet HTML 1Page - Vishay Siliconix SI9986 Datasheet HTML 2Page - Vishay Siliconix SI9986 Datasheet HTML 3Page - Vishay Siliconix SI9986 Datasheet HTML 4Page - Vishay Siliconix SI9986 Datasheet HTML 5Page - Vishay Siliconix SI9986 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si9986
Document Number: 70007
S-72211-Rev. F, 22-Oct-07
www.vishay.com
1
Buffered H-Bridge
FEATURES
•
1.0 A H-Bridge
•
200 kHz Switching Rate
•
Shoot-Through Limited
•
TTL Compatible Inputs
•
3.8 to 13.2 V Operating Range
•
Surface Mount Packaging
APPLICATIONS
•
VCM Driver
•
Brushed Motor Driver
•
Stepper Motor Driver
•
Power Converter
•
Optical Disk Drives
•
Power Supplies
•
High Performance Servo
DESCRIPTION
The Si9986 is an integrated, buffered H-bridge with TTL
compatible inputs and the capability of delivering a
continuous 1.0 A at VDD = 12 V (room temperature) at
switching rates up to 200 kHz. Internal logic prevents the
upper and lower outputs of either half-bridge from being
turned on simultaneously. Unique input codes allow both
outputs to be forced low (for braking) or forced to a high
impedance level.
The Si9986 is available in both standard and lead (Pb)-free,
8-pin SOIC packages, specified to operate over a voltage
range of 3.8 V to 13.2 V, and the commercial temperature
range of 0 to 70 °C (C suffix) and the industrial temperature
range of - 40 to 85 °C (D suffix).
FUNCTIONAL BLOCK DIAGRAM, PIN CONFIGURATION AND TRUTH TABLE
VDD
OUTPUT
AB
INA
INB
GND
SA
Shoot-Through
Protection Logic
SB
(3)
(7)
(6)
(2)
(1)
(8)
(5)
(4)
GND
SO-8
5
6
7
8
Top View
2
3
4
1
SA
OUTA
VDD
INA
INB
SB
OUTB
Si9986
PIN DESCRIPTION
Pin
Number
Name
Function
1
SA
Source of the low-side MOSFET on bridge arm A
2
GND
Ground
3
VDD
IC power supply
4
SB
Source of the low-side MOSFET on bridge arm B
5
OUTB
Center tap of bridge arm B. Connects to one end
of the load
6
INB
Input signal to control bridge arm B
7
INA
Input signal to control bridge arm A
8
OUTA
Center tap of bridge arm A. Connects to the other
end of the load
ORDERING INFORMATION
Part Number
Temperature
Range
Package
Si9986CY-T1
0 to 70 °C
Tape and Reel
Si9986DY-T1
- 40 to 85 °C
Si9986CY-T1-E3
0 to 70 °C
Lead (Pb)-free
Tape and Reel
Si9986DY-T1-E3
- 40 to 85 °C
Si9986CY
0 to 70 °C
Bulk (tubes)
Si9986DY
- 40 to 85 °C
TRUTH TABLE
INA
INB
OUTA
OUTB
10
10
01
01
00
00
11
HiZ
HiZ
* Pb containing terminations are not RoHS compliant, exemptions may apply.
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - SI9986

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
Buffered H-Bridge
16-Feb-04
SI9986 VISHAY-SI9986 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9986CY VISHAY-SI9986CY Datasheet
43Kb / 4P
Buffered H-Bridge
16-Feb-04
SI9986CY VISHAY-SI9986CY Datasheet
73Kb / 5P
Buffered H-Bridge
16-Feb-04
SI9986CY-T1 VISHAY-SI9986CY-T1 Datasheet
43Kb / 4P
Buffered H-Bridge
16-Feb-04
More results

Similar Description - SI9986

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
85Kb / 5P
Buffered H-Bridge
16-Feb-04
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
Buffered H-Bridge
09-Oct-00
SI9986 VISHAY-SI9986 Datasheet
43Kb / 4P
Buffered H-Bridge
16-Feb-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
Buffered H-Bridge
16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
Buffered H-Bridge
19-Apr-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com