Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2123 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP2123
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2123 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP2123 Datasheet HTML 1Page - Intersil Corporation HIP2123 Datasheet HTML 2Page - Intersil Corporation HIP2123 Datasheet HTML 3Page - Intersil Corporation HIP2123 Datasheet HTML 4Page - Intersil Corporation HIP2123 Datasheet HTML 5Page - Intersil Corporation HIP2123 Datasheet HTML 6Page - Intersil Corporation HIP2123 Datasheet HTML 7Page - Intersil Corporation HIP2123 Datasheet HTML 8Page - Intersil Corporation HIP2123 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HIP2122, HIP2123
5
FN7670.0
December 23, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB - VHS (Notes 5, 6) . . . . . . . . . . . . . . . -0.3V to 18V
LI and HI Input Voltage (Note 6) . . . . . . . . . . . . . . . . . . .-0.3V to VDD + 0.3V
Voltage on LO (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD + 0.3V
Voltage on HO (Note 6) . . . . . . . . . . . . . . . . . . . . . VHS - 0.3V to VHB + 0.3V
Voltage on HS (Continuous) (Note 6) . . . . . . . . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118V
Average Current in VDD to HB Diode . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Maximum Recommended Operating
Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 14V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VHS + 8V to VHS + 14V and
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDD - 1V to VDD + 100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
10 Ld TDFN (Notes 7, 8) . . . . . . . . . . . . . . .
42
4
9 Ld TDFN (Notes 7, 8) . . . . . . . . . . . . . . . .
42
4
Max Power Dissipation at +25°C in Free Air
10 Ld TDFN (Notes 7, 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0W
9 Ld TDFN (Notes 7, 8). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1W
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
ESD Ratings
Human Body Model Class 2 (Tested per JESD22-A114E). . . . . . . . . . 3000V
Machine Model Class B (Tested per JESD22-A115-A). . . . . . . . . . . . . . 300V
Charged Device Model Class IV. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. The HIP2122 and HIP2123 are capable of derated operation at supply voltages exceeding 14V. Figure 20 shows the high-side voltage derating curve
for this mode of operation.
6. All voltages referenced to VSS unless otherwise specified.
7.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VDD = VHB = 12V, VSS = VHS = 0V, RDT = 0K, PWM= 0V, No Load on LO or HO, Unless Otherwise Specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETERS
SYMBOL
TEST CONDITIONS
TA = +25°C
TA = -40°C to +125°C
UNITS
MIN
TYP
MAX MIN (Note 9) MAX (Note 9)
SUPPLY CURRENTS
VDD Quiescent Current
IDD80
RDT = 80k
-
470
850
-
900
µA
IDD8k
RDT = 8k
-
1.0
2.1
-
2.2
mA
VDD Operating Current
IDDO80k
f = 500kHz, RDT = 80k
-
2.5
3
-
3
mA
IDDO8k
f = 500kHz, RDT = 8k
-
3.4
4
-
4
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
65
115
-
150
µA
Total HB Operating Current
IHBO
f = 500kHz
-
2.0
2.5
-
3
mA
HB to VSS Current, Quiescent
IHBS
LI = HI = 0V; VHB = VHS = 114V
-
0.05
1.5
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz; VHB = VHS = 114V
-
1.2
1.5
-
1.6
mA
INPUT PINS
Low Level Input Voltage
Threshold
VIL
HIP2122 (CMOS)
3.7
4.4
-
2.7
-
V
Low Level Input Voltage
Threshold
VIL
HIP2123 (3.3V/TTL)
1.4
1.8
-
1.2
-
V
High Level Input Voltage
Threshold
VIH
HIP2122 (CMOS)
-
6.54
7.93
5.3
8.2
V
High Level Input Voltage
Threshold
VIH
HIP2123 ((3.3V/TTL)
-
1.8
2.2
-2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com