Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2123 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP2123
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2123 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP2123 Datasheet HTML 1Page - Intersil Corporation HIP2123 Datasheet HTML 2Page - Intersil Corporation HIP2123 Datasheet HTML 3Page - Intersil Corporation HIP2123 Datasheet HTML 4Page - Intersil Corporation HIP2123 Datasheet HTML 5Page - Intersil Corporation HIP2123 Datasheet HTML 6Page - Intersil Corporation HIP2123 Datasheet HTML 7Page - Intersil Corporation HIP2123 Datasheet HTML 8Page - Intersil Corporation HIP2123 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
100V, 2A Peak, High Frequency Half-Bridge Drivers with
Rising Edge Delay Timer
HIP2122, HIP2123
The HIP2122 and HIP2123 are 100V, high frequency, half-bridge
MOSFET driver ICs. They are based on the popular ISL2100A and
ISL2101A half-bridge drivers. Like the ISL2100A, two logic
inputs, LI and HI, control both bridge outputs, LO and HO. All logic
inputs are VDD tolerant.
These drivers have a programmable dead-time to insure
break-before-make operation between the high-side and low-side
drivers. The dead-time is adjustable up to 220ns. The internal
logic does not prevent both outputs from turning on
simultaneously if both inputs are high simultaneously for a time
greater than the programmed delay.
A single PWM logic input controls both bridge outputs (HO, LO).
An enable pin (EN), when low, drives both outputs to a low state.
All logic inputs are VDD tolerant and the HIP2122 has CMOS
inputs with hysteresis for superior operation in noisy
environments.
The HIP2122 has hysteretic inputs with thresholds that are
proportional to VDD. The HIP2123 has 3.3V logic/TTL compatible
inputs.
Two package options are provided. The 10 lead 4x4 DFN package
has standard pinouts. The 9 lead 4x4 DFN package omits pin 2 to
comply with 100V conductor spacing per IPC-2221.
Features
• 9 Ld TDFN “B” Package Compliant with 100V Conductor
Spacing Guidelines per IPC-2221
• Break-Before-Make Dead-Time Prevents Shoot-through and is
adjustable up to 220ns
• Bootstrap Supply Max Voltage to 114VDC
• Wide Supply Voltage Range (8V to 14V)
• Supply Undervoltage Protection
• CMOS Compatible Input Thresholds with Hysteresis (HIP2122)
•1.6
Ω/1Ω Typical Output Pull-up/Pull-down Resistance
•On-Chip 1Ω Bootstrap Diode
Applications
• Telecom Half-Bridge DC/DC Converters
•UPS and Inverters
•Motor Drives
• Class-D Amplifiers
• Forward Converter with Active Clamp
Related Literature
• FN7668, HIP2120, HIP2121 “100V, 2A Peak, High Frequency
Half-Bridge Drivers with Adjustable Dead Time Control and
PWM Input”
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. DEAD-TIME vs TIMING RESISTOR
VDD
HB
HO
HS
LO
VSS
HI
LI
100V MAX
RDT
FEEDBACK
WITH
ISOLATION
PWM
CONTROLLER
SECONDARY
CIRCUITS
HIP2122, HIP2123
EPAD
HALF
BRIDGE
200
160
140
120
100
80
60
40
20
RDT (kΩ)
816
24
32
40 48 56 64 80
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
December 23, 2011
FN7670.0


Similar Part No. - HIP2123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP2123FRTAZ RENESAS-HIP2123FRTAZ Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
HIP2123FRTBZ RENESAS-HIP2123FRTBZ Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results

Similar Description - HIP2123

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com