Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2123 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP2123
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2123 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP2123 Datasheet HTML 4Page - Intersil Corporation HIP2123 Datasheet HTML 5Page - Intersil Corporation HIP2123 Datasheet HTML 6Page - Intersil Corporation HIP2123 Datasheet HTML 7Page - Intersil Corporation HIP2123 Datasheet HTML 8Page - Intersil Corporation HIP2123 Datasheet HTML 9Page - Intersil Corporation HIP2123 Datasheet HTML 10Page - Intersil Corporation HIP2123 Datasheet HTML 11Page - Intersil Corporation HIP2123 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HIP2122, HIP2123
8
FN7670.0
December 23, 2011
Typical Performance Curves
FIGURE 3. HIP2122 IDD OPERATING CURRENT vs FREQUENCY
FIGURE 4. HIP2123 IDD OPERATING CURRENT vs FREQUENCY
FIGURE 5. IHB OPERATING CURRENT vs FREQUENCY
FIGURE 6. IHBS OPERATING CURRENT vs FREQUENCY
FIGURE 7. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 8. LOW LEVEL OUTPUT VOLTAGE vs TEMPERATURE
0.1
1.0
10.0
FREQUENCY (Hz)
T = +25°C
T = +125°C
T = +150°C
10k
100k
1M
T = -40°C
10k
100k
1M
0.1
1.0
10.0
FREQUENCY (Hz)
T = +25°C
T = -40°C
T = +125°C
T = +150°C
FREQUENCY (Hz)
0.01
1.0
10.0
T = +25°C
T = +125°C
T = +150°C
10k
100k
1M
0.1
T = -40°C
FREQUENCY (Hz)
0.01
1.0
10.0
T = +25°C
T = -40°C
T = +125°C
T = +150°C
10k
100k
1M
0.1
-50
0
50
100
150
50
100
150
200
250
300
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V
-50
0
50
100
150
50
100
150
200
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 14V
VDD = VHB = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com