Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3080S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VT3080S
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3080S Datasheet(HTML) 2 Page - Vishay Siliconix

  VT3080S Datasheet HTML 1Page - Vishay Siliconix VT3080S Datasheet HTML 2Page - Vishay Siliconix VT3080S Datasheet HTML 3Page - Vishay Siliconix VT3080S Datasheet HTML 4Page - Vishay Siliconix VT3080S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VT3080S-E3, VFT3080S-E3, VBT3080S-E3, VIT3080S-E3
www.vishay.com
Vishay General Semiconductor
Revision: 11-Sep-13
2
Document Number: 89169
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Breakdown voltage
IR = 1.0 mA
TA = 25 °C
VBR
80 (minimum)
-
V
Instantaneous forward voltage
IF = 5 A
TA = 25 °C
VF (1)
0.47
-
V
IF = 15 A
0.61
-
IF = 30 A
0.82
0.95
IF = 5 A
TA = 125 °C
0.39
-
IF = 15 A
0.57
-
IF = 30 A
0.73
0.82
Reverse current
VR = 80 V
TA = 25 °C
IR (2)
70
1000
µA
TA = 125 °C
23
45
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT3080S
VFT3080S
VBT3080S
VIT3080S
UNIT
Typical thermal resistance
RJC
1.5
5.0
1.5
1.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
VT3080S-E3/4W
1.88
4W
50/tube
Tube
ITO-220AB
VFT3080S-E3/4W
1.75
4W
50/tube
Tube
TO-263AB
VBT3080S-E3/4W
1.37
4W
50/tube
Tube
TO-263AB
VBT3080S-E3/8W
1.37
8W
800/reel
Tape and reel
TO-262AA
VIT3080S-E3/4W
1.46
4W
50/tube
Tube
Case Temperature (°C)
35
20
0
0
75
175
25
100
150
5
50
125
10
30
15
Resistive or Inductive Load
V(B,I)T3080S
VFT3080S
25
Mounted on Specific Heatsink
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
Average Forward Current (A)
30
25
0
015
35
520
10
30
5
15
D = t
p/T
t
p
T
20
D = 0.8
10
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com