Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3080S Datasheet (PDF) - Vishay Siliconix

VT3080S Datasheet PDF - Vishay Siliconix
Part # VT3080S
Download  VT3080S Download
File Size   130.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier

VT3080S Datasheet (PDF)

Go To PDF Page Download Datasheet
VT3080S Datasheet PDF - Vishay Siliconix

Part # VT3080S
Download  VT3080S Click to download

File Size   130.83 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier

VT3080S Datasheet (HTML) - Vishay Siliconix


VT3080S Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in high frequency DC/DC converters, switching power supplies, freewheeling diodes, OR-ing diode, and reverse battery protection.




Similar Part No. - VT3080S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3080S VISHAY-VT3080S Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
VT3080S VISHAY-VT3080S Datasheet
160Kb / 6P
Trench MOS Barrier Schottky Rectifier
11-Sep-13
VT3080S VISHAY-VT3080S Datasheet
142Kb / 5P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
09-Nov-17
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
14-Dec-16
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
203Kb / 6P
Trench MOS Barrier Schottky Rectifier
16-Mar-18
More results


Similar Description - VT3080S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
Trench MOS Barrier Schottky Rectifier
18-Nov-10
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
Trench MOS Barrier Schottky Rectifier
22-May-12
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
Trench MOS Barrier Schottky Rectifier
30-Apr-13
logo
DONGGUAN YOU FENG WEI E...
5V100-DO YFWDIODE-5V100-DO Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com