Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT3080S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT3080S
Description  Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3080S Datasheet(HTML) 1 Page - Vishay Siliconix

  VT3080S Datasheet HTML 1Page - Vishay Siliconix VT3080S Datasheet HTML 2Page - Vishay Siliconix VT3080S Datasheet HTML 3Page - Vishay Siliconix VT3080S Datasheet HTML 4Page - Vishay Siliconix VT3080S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VT3080S-E3, VFT3080S-E3, VBT3080S-E3, VIT3080S-E3
www.vishay.com
Vishay General Semiconductor
Revision: 11-Sep-13
1
Document Number: 89169
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.39 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220AB,
and TO-262AA package)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
30 A
VRRM
80 V
IFSM
200 A
VF at IF = 30 A
0.73 V
TJ max.
150 °C
Package
TO-220AB, ITO-220AB,
TO-263AB, TO-262AA
Diode variations
Single die
TO-220AB
1
2
3
1
K
2
3
TO-263AB
NC
A
K
TO-262AA
TMBS
®
ITO-220AB
1
2
3
VT3080S
VFT3080S
VIT3080S
VBT3080S
NC
A
K
HEATSINK
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
CASE
PIN 3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT3080S
VFT3080S
VBT3080S
VIT3080S
UNIT
Maximum repetitive peak reverse voltage
VRRM
80
V
Maximum average forward rectified current (fig. 1)
IF(AV)
30
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
200
A
Non-repetitive avalanche energy at TJ = 25 °C, L = 100 mH
EAS
250
mJ
Peak repetitive reverse current at tp = 2 μs, 1 kHz,
TJ = 38 °C ± 2 °C
IRRM
1.0
A
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - VT3080S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3080S VISHAY-VT3080S Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
VT3080S VISHAY-VT3080S Datasheet
160Kb / 6P
Trench MOS Barrier Schottky Rectifier
11-Sep-13
VT3080S VISHAY-VT3080S Datasheet
142Kb / 5P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
09-Nov-17
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
157Kb / 6P
Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.39 V at IF = 5 A
14-Dec-16
VT3080S-E3 VISHAY-VT3080S-E3 Datasheet
203Kb / 6P
Trench MOS Barrier Schottky Rectifier
16-Mar-18
More results

Similar Description - VT3080S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
Trench MOS Barrier Schottky Rectifier
18-Nov-10
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
Trench MOS Barrier Schottky Rectifier
22-May-12
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
Trench MOS Barrier Schottky Rectifier
30-Apr-13
logo
DONGGUAN YOU FENG WEI E...
5V100-DO YFWDIODE-5V100-DO Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com