Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF888AS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888AS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF888AS Datasheet HTML 3Page - NXP Semiconductors BLF888AS Datasheet HTML 4Page - NXP Semiconductors BLF888AS Datasheet HTML 5Page - NXP Semiconductors BLF888AS Datasheet HTML 6Page - NXP Semiconductors BLF888AS Datasheet HTML 7Page - NXP Semiconductors BLF888AS Datasheet HTML 8Page - NXP Semiconductors BLF888AS Datasheet HTML 9Page - NXP Semiconductors BLF888AS Datasheet HTML 10Page - NXP Semiconductors BLF888AS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BLF888A_BLF888AS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 August 2011
7 of 17
NXP Semiconductors
BLF888A; BLF888AS
UHF power LDMOS transistor
7.3 Impedance information
Fig 8.
Definition of transistor impedance
Table 8.
Typical push-pull impedance
Simulated Zi and ZL device impedance; impedance info at VDS = 50 V and PL(AV) = 110 W (DVB-T).
f
Zi
ZL
MHz
300
0.617
 j1.715
4.989 + j1.365
325
0.635
 j1.355
4.867 + j1.424
350
0.655
 j1.026
4.741 + j1.472
375
0.677
 j0.721
4.614 + j1.511
400
0.702
 j0.435
4.486 + j1.540
425
0.731
 j0.164
4.357 + j1.559
450
0.762 + j0.096
4.228 + j1.570
475
0.798 + j0.347
4.100 + j1.573
500
0.839 + j0.592
4.974 + j1.567
525
0.884 + j0.833
3.850 + j1.554
550
0.936 + j1.072
3.728 + j1.534
575
0.995 + j1.310
3.608 + j1.508
600
1.063 + j1.549
3.492 + j1.475
625
1.141 + j1.791
3.378 + j1.437
650
1.230 + j2.037
3.268 + j1.394
675
1.334 + j2.289
3.161 + j1.347
700
1.456 + j2.548
3.057 + j1.295
725
1.599 + j2.814
2.957 + j1.239
750
1.768 + j3.090
2.860 + j1.180
775
1.971 + j3.376
2.676 + j1.118
800
2.214 + j3.671
2.677 + j1.053
825
2.510 + j3.975
2.591 + j0.985
850
2.873 + j4.282
2.508 + j0.915
875
3.320 + j4.584
2.428 + j0.843
900
3.875 + j4.865
2.351 + j0.770
925
4.562 + j5.095
2.277 + j0.695
950
5.409 + j5.223
2.206 + j0.618
975
6.426 + j5.166
2.138 + j0.540
1000
7.587 + j4.807
2.073 + j0.461
001aan207
gate 1
gate 2
drain 2
drain 1
Zi
ZL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com