Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF888AS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888AS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLF888AS Datasheet HTML 9Page - NXP Semiconductors BLF888AS Datasheet HTML 10Page - NXP Semiconductors BLF888AS Datasheet HTML 11Page - NXP Semiconductors BLF888AS Datasheet HTML 12Page - NXP Semiconductors BLF888AS Datasheet HTML 13Page - NXP Semiconductors BLF888AS Datasheet HTML 14Page - NXP Semiconductors BLF888AS Datasheet HTML 15Page - NXP Semiconductors BLF888AS Datasheet HTML 16Page - NXP Semiconductors BLF888AS Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BLF888A_BLF888AS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 August 2011
13 of 17
NXP Semiconductors
BLF888A; BLF888AS
UHF power LDMOS transistor
Fig 14. Package outline SOT539B
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT539B
sot539b_po
10-02-02
11-02-17
Unit(1)
mm
max
nom
min
4.7
4.2
11.81
11.56
31.55
30.94
31.52
30.96
9.5
9.3
9.53
9.27
1.75
1.50
17.12
16.10
3.48
2.97
10.29
10.03
0.25
A
Dimensions
Earless flanged balanced LDMOST ceramic package; 4 leads
SOT539B
bc
0.18
0.10
DD1
EE1
e
13.72
FH
H1
25.53
25.27
LQ
2.26
2.01
U1
32.77
32.13
U2
w2
0.25
mm
max
nom
min
0.185
0.165
0.465
0.455
1.242
1.218
1.241
1.219
0.374
0.366
0.375
0.365
0.069
0.059
0.674
0.634
0.137
0.117
0.405
0.395
0.01
0.007
0.004
0.54
1.005
0.995
0.089
0.079
1.275
1.265
0.01
w3
0
5
10 mm
scale
c
E
Q
E1
e
H
L
b
H1
U1
U2
D
w2
w3
1
2
3
4
D
D
A
F
D1
5
Note
1. millimeter dimensions are derived from the original inch dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com