Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF888AS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888AS Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF888AS Datasheet HTML 1Page - NXP Semiconductors BLF888AS Datasheet HTML 2Page - NXP Semiconductors BLF888AS Datasheet HTML 3Page - NXP Semiconductors BLF888AS Datasheet HTML 4Page - NXP Semiconductors BLF888AS Datasheet HTML 5Page - NXP Semiconductors BLF888AS Datasheet HTML 6Page - NXP Semiconductors BLF888AS Datasheet HTML 7Page - NXP Semiconductors BLF888AS Datasheet HTML 8Page - NXP Semiconductors BLF888AS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BLF888A_BLF888AS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 30 August 2011
2 of 17
NXP Semiconductors
BLF888A; BLF888AS
UHF power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BLF888A (SOT539A)
1drain1
2drain2
3gate1
4gate2
5source
[1]
BLF888AS (SOT539B)
1drain1
2drain2
3gate1
4gate2
5source
[1]
5
12
4
3
4
3
5
1
2
sym117
5
12
4
3
4
3
5
1
2
sym117
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLF888A
-
flanged balanced LDMOST ceramic package;
2 mounting holes; 4 leads
SOT539A
BLF888AS
-
earless flanged balanced LDMOST ceramic
package; 4 leads
SOT539B
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
110
V
VGS
gate-source voltage
0.5
+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
200
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com