Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1850 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1850 Datasheet HTML 1Page - NXP Semiconductors LPC1850 Datasheet HTML 2Page - NXP Semiconductors LPC1850 Datasheet HTML 3Page - NXP Semiconductors LPC1850 Datasheet HTML 4Page - NXP Semiconductors LPC1850 Datasheet HTML 5Page - NXP Semiconductors LPC1850 Datasheet HTML 6Page - NXP Semiconductors LPC1850 Datasheet HTML 7Page - NXP Semiconductors LPC1850 Datasheet HTML 8Page - NXP Semiconductors LPC1850 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
4 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1850FET256
LBGA256
Plastic low profile ball grid array package; 256 balls; body 17
 17  1 mm
SOT740-2
LPC1850FET180
TFBGA180 Thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC1850FBD208
LQFP208
Plastic low profile quad flat package; 208 leads; body 28
 28  1.4 mm
SOT459-1
LPC1830FET256
LBGA256
Plastic low profile ball grid array package; 256 balls; body 17
 17  1 mm
SOT740-2
LPC1830FET180
TFBGA180 Thin fine-pitch ball grid array package; 180 balls
SOT570-3
LPC1830FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm SOT926-1
LPC1830FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC1820FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm SOT926-1
LPC1820FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
LPC1820FBD100
LQFP100
Plastic low profile quad flat package; 100 leads; body 14
 14  1.4 mm
SOT407-1
LPC1810FET100
TFBGA100 Plastic thin fine-pitch ball grid array package; 100 balls; body 9
 9  0.7 mm SOT926-1
LPC1810FBD144
LQFP144
Plastic low profile quad flat package; 144 leads; body 20
 20  1.4 mm
SOT486-1
Table 2.
Ordering options
Type number
Total
SRAM
LCD Ethernet USB0
(Host,
Device,
OTG)
USB1
(Host,
Device)/
ULPI
interface
ADC
channels
PWM
QEI
GPIO
Package
LPC1850FET256
200 kB
yes
yes
yes
yes/yes
8
yes
yes
164
LBGA256
LPC1850FET180
200 kB
yes
yes
yes
yes/yes
8
yes
yes
118
TFBGA180
LPC1850FBD208 200 kB
yes
yes
yes
yes/yes
8
yes
yes
142
LQFP208
LPC1830FET256
200 kB
no
yes
yes
yes/yes
8
yes
yes
164
LBGA256
LPC1830FET180
200 kB
no
yes
yes
yes/yes
8
yes
yes
118
TFBGA180
LPC1830FET100
200 kB
no
yes
yes
yes/no
4
no
no
49
TFBGA100
LPC1830FBD144 200 kB
no
yes
yes
yes/no
8
yes
no
83
LQFP144
LPC1820FET100
168 kB
no
no
yes
no
4
no
no
49
TFBGA100
LPC1820FBD144 168 kB
no
no
yes
no
8
yes
no
83
LQFP144
LPC1820FBD100 168 kB
no
no
yes
no
5
no
no
49
LQFP100
LPC1810FET100
136 kB
no
no
no
no
4
no
no
49
TFBGA100
LPC1810FBD144 136 kB
no
no
no
no
8
yes
no
83
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com