Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1850 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC1850 Datasheet HTML 93Page - NXP Semiconductors LPC1850 Datasheet HTML 94Page - NXP Semiconductors LPC1850 Datasheet HTML 95Page - NXP Semiconductors LPC1850 Datasheet HTML 96Page - NXP Semiconductors LPC1850 Datasheet HTML 97Page - NXP Semiconductors LPC1850 Datasheet HTML 98Page - NXP Semiconductors LPC1850 Datasheet HTML 99Page - NXP Semiconductors LPC1850 Datasheet HTML 100Page - NXP Semiconductors LPC1850 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 157 page
background image
LPC1850_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Preliminary data sheet
Rev. 3 — 6 December 2011
97 of 157
NXP Semiconductors
LPC1850/30/20/10
32-bit ARM Cortex-M3 microcontroller
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
[2]
VDD(REG)(3V3) = VDD(IO)=VDDA(3V3) = 3.3 V; Tamb =25 C for all power consumption measurements.
[3]
PLL1 disabled. Normal power mode.
[4]
PLL1 enabled. Normal power mode.
[5]
On pin VBAT; Tamb =25 C. VDD(REG)(3V3) not present.
[6]
Vps corresponds to the output of the power switch (see Figure 11) which is determined by the greater of VBAT and VDD(Reg)(3V3).
[7]
VDDA(3V3) = 3.3 V; Tamb =25 C.
[8]
VDD(IO) supply voltage must be present.
[9]
Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[10] To VSS.
[11] The values specified are simulated and absolute values.
[12] The weak pull-up resistor is connected to the VDD(IO) rail and pulls up the I/O pin to the VDD(IO) level.
[13] The input cell disables the weak pull-up resistor when the applied input voltage exceeds VDD(IO).
[14] The parameter value specified is a simulated value excluding bond capacitance.
[15] For USB operation 3.0 V
 V
DD((IO)  3.6 V. Guaranteed by design.
[16] Includes external resistors of 33
 1 % on D+ and D.
10.1 Power consumption
Remark: All power consumption data in this section apply to Rev ‘A’ of the
LPC1850/30/20/10 parts only.
Vi(dif)
differential input voltage
100
400
1100
mV
USB1 pins (USB1_DP/USB1_DM)[15]
IOZ
OFF-state output
current
0V<VI <3.3 V
[15] --
10
A
VBUS
bus supply voltage
-
-
5.25
V
VDI
differential input
sensitivity voltage
(D+)  (D)
0.2
-
-
V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage for
low-/full-speed
RL of 1.5 k to 3.6 V
-
-
0.18
V
VOH
HIGH-level output
voltage (driven) for
low-/full-speed
RL of 15 k to GND
2.8
-
3.5
V
Ctrans
transceiver capacitance pin to GND
-
-
20
pF
ZDRV
driver output
impedance for driver
which is not high-speed
capable
with 33
 series resistor;
steady state drive
[16] 36
-
44.1
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified. Applies to parts LPC1850/30/20/10 Rev ‘A’ only.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com