Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1850 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1850
Description  32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1850 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1850 Datasheet HTML 1Page - NXP Semiconductors LPC1850 Datasheet HTML 2Page - NXP Semiconductors LPC1850 Datasheet HTML 3Page - NXP Semiconductors LPC1850 Datasheet HTML 4Page - NXP Semiconductors LPC1850 Datasheet HTML 5Page - NXP Semiconductors LPC1850 Datasheet HTML 6Page - NXP Semiconductors LPC1850 Datasheet HTML 7Page - NXP Semiconductors LPC1850 Datasheet HTML 8Page - NXP Semiconductors LPC1850 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
1.
General description
The LPC1850/30/20/10 are ARM Cortex-M3 based microcontrollers for embedded
applications. The ARM Cortex-M3 is a next generation core that offers system
enhancements such as low power consumption, enhanced debug features, and a high
level of support block integration.
The LPC1850/30/20/10 operate at CPU frequencies of up to 180 MHz. The ARM
Cortex-M3 CPU incorporates a 3-stage pipeline and uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals. The ARM
Cortex-M3 CPU also includes an internal prefetch unit that supports speculative
branching.
The LPC1850/30/20/10 include up to 200 kB of on-chip SRAM, a quad SPI Flash
Interface (SPIFI), a State Configurable Timer (SCT) subsystem, two High-speed USB
controllers, Ethernet, LCD, an external memory controller, and multiple digital and analog
peripherals.
Remark: This data sheet describes the Rev ‘-’ and the Rev ‘A’ versions of parts
LPC1850/30/20/10.
2.
Features and benefits
Processor core
ARM Cortex-M3 processor, running at frequencies of up to 180 MHz.
ARM Cortex-M3 built-in Memory Protection Unit (MPU) supporting eight regions.
ARM Cortex-M3 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug, serial trace, eight breakpoints, and four watch points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
System tick timer.
On-chip memory
200 kB SRAM for code and data use.
Multiple SRAM blocks with separate bus access.
64 kB ROM containing boot code and on-chip software drivers.
128 bit One-Time Programmable (OTP) memory for general-purpose use.
Clock generation unit
Crystal oscillator with an operating range of 1 MHz to 25 MHz.
12 MHz internal RC oscillator trimmed to 1 % accuracy over temperature and
voltage.
LPC1850/30/20/10
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet,
two High-speed USB, LCD, and external memory controller
Rev. 3 — 6 December 2011
Preliminary data sheet


Similar Part No. - LPC1850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC1850 NXP-LPC1850 Datasheet
661Kb / 2P
Fastest Cortex-M3 MCU, Largest SRAM, High Speed USB
June 2011
LPC1850 NXP-LPC1850 Datasheet
1Mb / 142P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1850 NXP-LPC1850 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1850FBD208 NXP-LPC1850FBD208 Datasheet
2Mb / 149P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
More results

Similar Description - LPC1850

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1850 NXP-LPC1850 Datasheet
550Kb / 84P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD
Rev. 1-3 January 2011
LPC1850_1109 NXP-LPC1850_1109 Datasheet
1Mb / 142P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 2.2-9 September 2011
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
LPC1850 NXP-LPC1850_13 Datasheet
2Mb / 149P
32-bit ARM Cortex-M3 MCU; up to 200 kB SRAM; Ethernet, two High-speed USB, LCD, and external memory controller
Rev. 6.1-7 February 2013
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com