Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-AP91 Datasheet(PDF) 13 Page - Cree, Inc

Part # CLD-AP91
Description  Cree® XLamp® XB-D White LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP91 Datasheet(HTML) 13 Page - Cree, Inc

Back Button CLD-AP91 Datasheet HTML 5Page - Cree, Inc CLD-AP91 Datasheet HTML 6Page - Cree, Inc CLD-AP91 Datasheet HTML 7Page - Cree, Inc CLD-AP91 Datasheet HTML 8Page - Cree, Inc CLD-AP91 Datasheet HTML 9Page - Cree, Inc CLD-AP91 Datasheet HTML 10Page - Cree, Inc CLD-AP91 Datasheet HTML 11Page - Cree, Inc CLD-AP91 Datasheet HTML 12Page - Cree, Inc CLD-AP91 Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
xlamp xB-D leD Binning & laBeling
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets avail-
able at www.cree.com.
sTanDarD orDer CoDes anD bins (Xb-D Warm WhiTe, T
J = 85 °C)
XLamp Xb-D standard kit Codes - White
Chromaticity
minimum
Luminous flux
(lm) @ 350 ma*
order Codes
kit
CCT
Code
flux
(lm)
standard Cri
80 Cri minimum
aNSI warm white (2700 K - 3750 K)
F6
3750 K
Q5
107
XBDAWT-00-0000-00000LDF6
XBDAWT-00-0000-00000HDF6
Q4
100
XBDAWT-00-0000-00000LCF6
XBDAWT-00-0000-00000HCF6
Q3
93.9
XBDAWT-00-0000-00000LBF6
XBDAWT-00-0000-00000HBF6
e6
3500 K
Q5
107
XBDawT-00-0000-00000lDe6
XBDAWT-00-0000-00000HDE6
Q4
100
XBDawT-00-0000-00000lce6
XBDAWT-00-0000-00000HCE6
Q3
93.9
XBDawT-00-0000-00000lBe6
XBDAWT-00-0000-00000HBE6
F7
3250 K
Q4
100
XBDAWT-00-0000-00000LCF7
XBDAWT-00-0000-00000HCF7
Q3
93.9
XBDAWT-00-0000-00000LBF7
XBDAWT-00-0000-00000HBF7
Q2
87.4
XBDAWT-00-0000-00000LAF7
XBDAWT-00-0000-00000HAF7
e7
3000 K
Q4
100
XBDawT-00-0000-00000lce7
XBDAWT-00-0000-00000HCE7
Q3
93.9
XBDawT-00-0000-00000lBe7
XBDAWT-00-0000-00000HBE7
Q2
87.4
XBDawT-00-0000-00000lae7
XBDAWT-00-0000-00000HAE7
F8
2850 K
Q3
93.9
XBDAWT-00-0000-00000LBF8
XBDAWT-00-0000-00000HBF8
Q2
87.4
XBDAWT-00-0000-00000LAF8
XBDAWT-00-0000-00000HAF8
p4
80.6
XBDAWT-00-0000-00000L9F8
XBDAWT-00-0000-00000H9F8
e8
2700 K
Q3
93.9
XBDawT-00-0000-00000lBe8
XBDAWT-00-0000-00000HBE8
Q2
87.4
XBDawT-00-0000-00000lae8
XBDAWT-00-0000-00000HAE8
p4
80.6
XBDawT-00-0000-00000l9e8
XBDAWT-00-0000-00000H9E8
• Typical CRI for Warm White, 2600 K - 3700 K CCT is 80.
• Typical CRI for Neutral White, 3700 K - 5000K CCT is 75.
* Cree XLamp XB Family order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than
the minimum specified by the order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com