Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-AP91 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLD-AP91
Description  Cree® XLamp® XB-D White LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP91 Datasheet(HTML) 2 Page - Cree, Inc

  CLD-AP91 Datasheet HTML 1Page - Cree, Inc CLD-AP91 Datasheet HTML 2Page - Cree, Inc CLD-AP91 Datasheet HTML 3Page - Cree, Inc CLD-AP91 Datasheet HTML 4Page - Cree, Inc CLD-AP91 Datasheet HTML 5Page - Cree, Inc CLD-AP91 Datasheet HTML 6Page - Cree, Inc CLD-AP91 Datasheet HTML 7Page - Cree, Inc CLD-AP91 Datasheet HTML 8Page - Cree, Inc CLD-AP91 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
xlamp xB-D leD Binning & laBeling
bin anD orDer-CoDe formaT
Bin codes and order codes for XB-D White LEDs are configured in the following manner:
Example Order Code: XBDAWT-00-0000-00000HAE7
Example Bin Code: XBDAWT-0-7A3-Q20-0H-0001
PerformanCe grouPs – brighTness (T
J = 85 °C)
XLamp XB-D White LEDs are tested for luminous flux and placed into one of the following luminous-flux groups.
group Code
min. Luminous flux
@ 350 ma (lm)
max. Luminous flux
@ 350 ma (lm)
p2
67.2
73.9
p3
73.9
80.6
p4
80.6
87.4
Q2
87.4
93.9
Q3
93.9
100
Q4
100
107
Q5
107
114
r2
114
122
r3
122
130
r4
130
139
r5
139
148
S2
148
156
bin Code
order Code
SSSCCC-BD-HHHH-NNNNNVFGG
Series
XBD = XB-D
Configuration
B: Voltage class
D: Reel size
Flux
Internal code
Chromaticity kit
Color
AWT = White
Color Specification
0: No Minimum CRI
B: 70 Minimum CRI
L: Standard CRI
H: 80 CRI Minimum
SSSCCC-B-WWW-FFF-VR-AAAA
Series
XBD = XB-D
Configuration
B: Voltage class
Chromaticity bin
Luminous flux group
Internal code
Color
AWT = White
Color specification
0: No Minimum CRI
B: 70 Minimum CRI
L: Standard CRI
H: 80 CRI Minimum
Vf bin
0: Default
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets avail-
able at www.cree.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com