Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLD-AP91 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLD-AP91
Description  Cree® XLamp® XB-D White LEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-AP91 Datasheet(HTML) 1 Page - Cree, Inc

  CLD-AP91 Datasheet HTML 1Page - Cree, Inc CLD-AP91 Datasheet HTML 2Page - Cree, Inc CLD-AP91 Datasheet HTML 3Page - Cree, Inc CLD-AP91 Datasheet HTML 4Page - Cree, Inc CLD-AP91 Datasheet HTML 5Page - Cree, Inc CLD-AP91 Datasheet HTML 6Page - Cree, Inc CLD-AP91 Datasheet HTML 7Page - Cree, Inc CLD-AP91 Datasheet HTML 8Page - Cree, Inc CLD-AP91 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
binning & LabeLing
Cree® XLamp® Xb-D White LeDs
cree, Inc.
4600 Silicon Drive
Durham, Nc 27703
USa Tel: +1.919.313.5300
copyright © 2011-2012 cree, Inc. all rights reserved. The information in this document is subject to change without notice. cree,
the cree logo and Xlamp are registered trademarks of cree, Inc. This document is provided for informational purposes only and is
not a warranty or a specification. For product specifications, please see the data sheets available at www.cree.com.
TabLe of ConTenTs
inTroDuCTion
Introduction......................................................... 1
Bin and Order-Code Format ................................... 2
performance Groups – Brightness (T
J = 85 °c) ........ 2
performance Groups – chromaticity ........................ 3
cree’s Standard chromaticity regions plotted on the
1931 cIe curve.................................................... 6
cree’s Standard Kit codes plotted on aNSI Standard
chromaticity regions ............................................ 7
cree’s Standard chromaticity Kits..........................11
Standard Kits, codes and Bins
XB-D aNSI cool white, T
J = 85 °c .....................11
XB-D Neutral white, T
J = 85 °c .........................12
XB-D warm white, T
J = 85 °c ...........................13
This document describes the product nomenclature
required to select and order cree’s Xlamp XB-D
leDs. Xlamp XB-D leDs are tested and sorted into
bins which are then combined into orderable kits,
identified by an order code.
all Xlamp leDs are tested and sorted by color and
brightness into a unique bin. each bin contains leDs
from only one color and brightness group and is
uniquely identified by a bin code. White XLamp LEDs
are sorted by chromaticity (color) and luminous
flux (brightness). Color XLamp LEDs are sorted
by dominant wavelength (color) and luminous or
radiant flux (brightness). LEDs are shipped in reels
containing leDs from a single bin and labeled with
the corresponding bin code. Xlamp leD packaging
details are provided in product data sheets.
Kits contain leDs from a number of similar bins
and are fully defined by their order codes. A full
explanation of the order codes for XLamp XB Family
leDs, as well as a list of standard order codes, is
provided in this document.


Similar Part No. - CLD-AP91

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
Cree® XLamp® XB-D LEDs
Rev 0
More results

Similar Description - CLD-AP91

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
XLAMP XB-D WHITE LEDS
Rev 1
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
XLAMP XB-D LEDS
Rev 9A
XB-D CREE-XB-D Datasheet
1Mb / 19P
XLamp XB-D LEDs
Rev 10E
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
XLamp XB-E High-Voltage White LEDs
Rev 2E
XB-H CREE-XB-H Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com