Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302DL Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS302DL Datasheet HTML 7Page - STMicroelectronics LIS302DL Datasheet HTML 8Page - STMicroelectronics LIS302DL Datasheet HTML 9Page - STMicroelectronics LIS302DL Datasheet HTML 10Page - STMicroelectronics LIS302DL Datasheet HTML 11Page - STMicroelectronics LIS302DL Datasheet HTML 12Page - STMicroelectronics LIS302DL Datasheet HTML 13Page - STMicroelectronics LIS302DL Datasheet HTML 14Page - STMicroelectronics LIS302DL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LIS302DL
Mechanical and electrical specifications
11/42
2.2
Electrical characteristics
Table 4.
Electrical characteristics(1)
(All the parameters are specified @ Vdd=2.5 V, T= 25°C unless otherwise noted)
Symbol
Parameter
Test conditions
Min.
Typ.(2)
Max.
Unit
Vdd
Supply voltage
2.16
2.5
3.6
V
Vdd_IO
I/O pins supply voltage(3)
1.71
Vdd+0.1
V
Idd
Supply current
T = 25°C, ODR=100Hz
0.3
0.4
mA
IddPdn
Current consumption in
power-down mode
T = 25°C
1
5
µA
VIH
Digital high level input
voltage
0.8*Vdd
_IO
V
VIL
Digital low level input voltage
0.2*Vdd
_IO
V
VOH
High level output voltage
0.9*Vdd
_IO
V
VOL
Low level output voltage
0.1*Vdd
_IO
V
ODR
Output data rate
DR=0
100
Hz
DR=1
400
BW
System bandwidth(4)
ODR/2
Hz
Ton
Turn-on time(5)
3/ODR
s
Top
Operating temperature range
-40
+85
°C
1.
The product is factory calibrated at 2.5V. The device can be used from 2.16V to 3.6V
2.
Typical specification are not guaranteed
3.
It is possible to remove Vdd maintaining Vdd_IO without blocking the communication busses, in this condition the
measurement chain is powered off.
4.
Filter cut-off frequency
5.
Time to obtain valid data after exiting Power-Down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com