Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302DL Datasheet(PDF) 37 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LIS302DL Datasheet HTML 33Page - STMicroelectronics LIS302DL Datasheet HTML 34Page - STMicroelectronics LIS302DL Datasheet HTML 35Page - STMicroelectronics LIS302DL Datasheet HTML 36Page - STMicroelectronics LIS302DL Datasheet HTML 37Page - STMicroelectronics LIS302DL Datasheet HTML 38Page - STMicroelectronics LIS302DL Datasheet HTML 39Page - STMicroelectronics LIS302DL Datasheet HTML 40Page - STMicroelectronics LIS302DL Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
LIS302DL
Typical performance characteristics
37/42
8
Typical performance characteristics
8.1
Mechanical characteristics at 25°C
Figure 12.
X axis 0-g level at 2.5V
Figure 13.
X axis sensitivity at 2.5V
Figure 14.
Y axis 0-g level at 2.5V
Figure 15.
Y axis sensitivity at 2.5V
Figure 16.
Z axis 0-g level at 2.5V
Figure 17.
Z axis sensitivity at 2.5V
−150
−100
−50
0
50
100
150
0
5
10
15
20
25
30
Zero−g Level Offset [mg]
16
16.5
17
17.5
18
18.5
19
19.5
20
0
5
10
15
Sensitivity [mg/digits]
−150
−100
−50
0
50
100
150
0
5
10
15
20
25
30
Zero−g Level Offset [mg]
16
16.5
17
17.5
18
18.5
19
19.5
20
0
2
4
6
8
10
12
14
Sensitivity [mg/digits]
−150
−100
−50
0
50
100
150
0
5
10
15
20
25
Zero−g Level Offset [mg]
16
16.5
17
17.5
18
18.5
19
19.5
20
0
5
10
15
Sensitivity [mg/digits]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com