Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302DL Datasheet(PDF) 26 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LIS302DL Datasheet HTML 22Page - STMicroelectronics LIS302DL Datasheet HTML 23Page - STMicroelectronics LIS302DL Datasheet HTML 24Page - STMicroelectronics LIS302DL Datasheet HTML 25Page - STMicroelectronics LIS302DL Datasheet HTML 26Page - STMicroelectronics LIS302DL Datasheet HTML 27Page - STMicroelectronics LIS302DL Datasheet HTML 28Page - STMicroelectronics LIS302DL Datasheet HTML 29Page - STMicroelectronics LIS302DL Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Register description
LIS302DL
26/42
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration data. The registers address, made of 7 bits, is used to identify them and to
write the data through serial interface.
7.1
WHO_AM_I (0Fh)
Table 17.
WHO_AM_I (0Fh) register
Device identification register. This register contains the device identifier that for LIS302DL is
set to 3Bh.
7.2
CTRL_REG1 (20h)
Table 18.
CTRL_REG1 (20h) register
Table 19.
CTRL_REG1 (20h) register description
DR bit allows to select the data rate at which acceleration samples are produced. The
default value is 0 which corresponds to a data-rate of 100Hz. By changing the content of DR
to “1” the selected data-rate will be set equal to 400Hz.
PD bit allows to turn on the turn the device out of power-down mode. The device is in power-
down mode when PD= “0” (default value after boot). The device is in normal mode when PD
is set to 1.
STP, STM bit is used to activate the self test function. When the bit is set to one, an output
change will occur to the device outputs (refer to
Table 3 and 4 for specification) thus
allowing to check the functionality of the whole measurement chain.
0
011
10
11
DR
PD
FS
STP
STM
Zen
Yen
Xen
DR
Data rate selection. Default value: 0
(0: 100 Hz output data rate; 1: 400 Hz output data rate)
PD
Power Down Control. Default value: 0
(0: power down mode; 1: active mode)
FS
Full Scale selection. Default value: 0
(refer to
Table 3 for typical full scale value)
STP, STM
Self Test Enable. Default value: 0
(0: normal mode; 1: self test P, M enabled)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com