Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2038-110-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2038-110-SM-RPLF
Description  Driver Side Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2038-110-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2038-110-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VDSL
Driver Side Protection
CD143A-SR70
TISP4P015L1NR-S
2038-110-SM-RPLF
VDSL
Driver
The schematic above illustrates the application protection and does not constitute the complete
circuit design. Customers should verify actual device performance in their specific applications.
2038-110-SM-RPLF
TISP4P015L1NR-S
CD143A-SR70
COPYRIGHT© 2011 • BOURNS, INC. • 10/11 • e/CPK1160 • “PortNote”is a registered service mark of Bourns, Inc.
“Bourns”is a registered trademark of Bourns, Inc. in the U.S. and other countries.
Solution Products
Asia-Pacific: Tel +886-2 256 241 17
Fax +886-2 256 241 16
Bourns® PortNote® solutions provide protection
recommendations for typical port threats.
For more information, go to:
www.bourns.com
or email: protection@bourns.com
Americas: Tel +1-951 781-5500
Fax +1-951 781-5700
Europe: Tel +41-(0)41 768 55 55
Fax +41-(0)41 768 55 10
Compliance
ITU-T Basic and Enhanced
GR-1089-CORE
Alternate Recommendations
Other PortNote® Solutions:
• VDSL: Line Side Protection
Variations of this circuit are available depending on
specific design constraints; contact your local Bourns
technical representative for more information.
Benefit
This solution provides protection on the driver side
without impairing the VDSL 17 MHz signal.
Objective
VDSL provides fast data transmission,
usually over a twisted pair of copper wires.
This solution protects these ports against
surge and power contact threats.
Solution
1 GDT: 2038-110-SM-RPLF
1 Thyristor: TISP4P015L1NR-S
1 Diode Bridge: CD143A-SR70
PN-DESIGNKIT-36
Design Kit


Similar Part No. - 2038-110-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF Datasheet
205Kb / 1P
Driver Side Protection
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF Datasheet
242Kb / 3P
Miniature Symmetrical 3-Electrode Surface Mount Gas Discharge Tube
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF_12 Datasheet
205Kb / 1P
Driver Side Protection
More results

Similar Description - 2038-110-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1030 INTERSIL-HIP1030 Datasheet
36Kb / 5P
1A High Side Driver with Overload Protection
December 1997
HIP1031 INTERSIL-HIP1031 Datasheet
29Kb / 4P
Half Amp High Side Driver with Overload Protection
December 1997
HIP1030 INTERSIL-HIP1030_00 Datasheet
113Kb / 7P
1A High Side Driver with Overload Protection
February 2000
logo
AMI SEMICONDUCTOR
AMIS-39100 AMI-AMIS-39100 Datasheet
491Kb / 16P
Octal High Side Driver with Protection
AMIS-39101 AMI-AMIS-39101 Datasheet
526Kb / 15P
Octal High-Side Driver with Protection
logo
ON Semiconductor
AMIS-39100 ONSEMI-AMIS-39100 Datasheet
173Kb / 12P
Octal High Side Driver with Protection
January, 2009 ??Rev. 2
AMIS-39101 ONSEMI-AMIS-39101 Datasheet
164Kb / 12P
Octal High Side Driver with Protection
December, 2008 ??Rev. 2
AMIS39100PNPB3RG ONSEMI-AMIS39100PNPB3RG Datasheet
173Kb / 12P
Octal High Side Driver with Protection
January, 2009 ??Rev. 2
logo
Bourns Electronic Solut...
2038-110-SM-RPLF BOURNS-2038-110-SM-RPLF_12 Datasheet
205Kb / 1P
Driver Side Protection
logo
Infineon Technologies A...
1ED44176N01F INFINEON-1ED44176N01F Datasheet
968Kb / 20P
Single-channel low-side gate driver IC with over-current protection
V 2.2 2019-10-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com