Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC110 Datasheet(PDF) 2 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 2 Page - Espros Photonics corp

  EPC110 Datasheet HTML 1Page - Espros Photonics corp EPC110 Datasheet HTML 2Page - Espros Photonics corp EPC110 Datasheet HTML 3Page - Espros Photonics corp EPC110 Datasheet HTML 4Page - Espros Photonics corp EPC110 Datasheet HTML 5Page - Espros Photonics corp EPC110 Datasheet HTML 6Page - Espros Photonics corp EPC110 Datasheet HTML 7Page - Espros Photonics corp EPC110 Datasheet HTML 8Page - Espros Photonics corp EPC110 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
epc110
Absolute Maximum Ratings (Notes 1, 2)
Recommended Operating Conditions
Voltage at any pin except pin VDD
-0.3V to VN +0.3 V
Min.
Max.
Units
Power Supply Voltage at pin VDD
Programming Voltage at pin VDD
-0.3V to +5.5V
-0.3V to +8.0V
Operating supply voltage at VDD
Programming voltage at VDD
3.0
7.0
3.6
8.0
V
V
Power Supply Voltage at pin VDD33
-0.3V to +5.5V
Operating supply voltage at VDD33
3.0
3.6
V
Output current at any pin except pin LED
-6mA to +6mA
Operating Temperature (TO)
-40°
+85°
C
Power Consumption with maximum load
125 mW
Lead Temperature solder, 4 sec. (TL)
+260°C
Humidity (non-condensing)
+5
+95
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended operating conditions
indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specific -
ations and test conditions, see Electrical Characteristics.
Note 2: This device is a highly sensitive CMOS ac current amplifier with an ESD rating of JEDEC HBM class 0 (<250V). Handling and
assembly of this device should only be done at ESD protected workstations.
Electrical Characteristics
3.0V < VN < 3.6V, -40°C < TA < +85°C, unless otherwise specified
General Data
Symbol
Parameter
Conditions/Comments
Values
Units
Min.
Typ.
Max.
VN
Operating power supply voltage
at VDD33 (and VDD)
3
3.6
VPUP
Power-up Threshold Voltage
Voltage at VDD33 when the device starts up
2.4
3
V
VPP
Ripple on supply voltage,
peak to peak
Input pulse IPD NST
36nA
70
mV
48nA
150
mV
72nA
350
mV
108nA
600
mV
IN
Current consumption operating
in operation mode, IPD = 0 mA, no load
2
mA
IProg
Current consumption programming in program mode, VDD @ 8.0V, IPD = 0 mA, no load
4
mA
VOH
Output high voltage
except OUTH and LED
VN - 0.5V
V
VOL
Output low voltage
@ 4mA source, including OUTH and LED
0.5
V
VHOH
Output high voltage OUTH
see Figure 8
VLEDH
Output high voltage LED
@ 0.1mA sink current
VN - 0.5V
V
ILED
Source current maximum
at Pin LED, VLED @ 0... VN - 1.0V
0.7
1.3
mA
VIH
Input high voltage
0.7*VN
VN
V
VIL
Input low voltage
GND
0.3*VN
V
ILEAKD
Input leakage current
10
µA
RPU
Pull-up resistor
internal at digital input
30
200
kΩ
fclk
Reference clock
of internal oscillator - for information only
All internal timings are referenced to this clock
32
MHz
dfclk
Temperature drift
of the oscillator - for information only
640
ppm/K
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
2
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com