Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC110 Datasheet(PDF) 21 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 21 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 17Page - Espros Photonics corp EPC110 Datasheet HTML 18Page - Espros Photonics corp EPC110 Datasheet HTML 19Page - Espros Photonics corp EPC110 Datasheet HTML 20Page - Espros Photonics corp EPC110 Datasheet HTML 21Page - Espros Photonics corp EPC110 Datasheet HTML 22Page - Espros Photonics corp EPC110 Datasheet HTML 23Page - Espros Photonics corp EPC110 Datasheet HTML 24Page - Espros Photonics corp EPC110 Datasheet HTML 25Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
epc110
Applications
Long range light barrier application (refer also to datasheet epc111)
Figure 18 shows the epc110 as an example in a long range light barrier application with minimal part count. The LED flashes according to the
description of the previous chapter. Light of the LED is passing either direct, reflecting from a reflecting object or a retro reflector to the photo
diode PD. If the received light fulfills the criteria according to the description in the previous chapter, the output signals OUTN and OUTH are
set.
LED Driver:
The output LED of the epc110 to drive the LED driver circuit is a current source capable to drive typically 1mA. For a high performance long
range light barrier (>8m), an LED peak current of up to 1.5A is needed. To generate such a high LED current, an external driver circuit is
necessary. The circuitry in Figure 18 is a simple implementation of such a driver circuit. The darlington circuit with T2 and T3 and R2 and R3
does the job. In order to avoid interference on the supply voltage, the supply is isolated (filtered) with R1 and C1. The high peak LED pulse
current is delivered by the capacitor C1, which itself is charged by R1. Make sure, that there is no coupling of the high LED current to the
ground of the epc110 or to the cathode of the photo diode. This driver circuit operates with a VDD LED in a range of 10 to 30 VDC.
<Title>
<name>
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
25.01.2011
Page 1
<xx>
OUTH
LED
OUTN
PD
VDD33
VDD
epc110
GND
VDD18
R3
1R2
C1
47μF
Low ESR
GND
+3.3V
VDD
LED
= +24V
OUTH
OUTN
PD
epc300
T2
BC846
R2
1k
R5
3k6
R4
10k
IR LED
TSML1000
R1
100R
C3 100nF
C2 1μF
C5 4.7nF
C4 100nF
R6
12k
R8
10k
R7
4k7
T1
BC846
T3
BCP56
Marked conductors must be short and low ohmic
C2
The epc111 device with its very sensitive input PD needs a well decoupled power supply
Figure 18: Long range light barrier application with minimal part count
Notice:
The schematic is for illustrating the basic circuit idea only. For the real built up the designer has to take all other additional influence factors in
consideration too e.g. design rules, power rating, heat dissipation, ...
ROM RAM
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
16
1
1
0
1
1
0
0
0
0
0
0
0
0
1
1
FUSEBIT
1
17
0
1
1
1
1
0
0
0
0
0
1
0
0
0
0
FUSEBIT
2
18
0
0
0
0
1
0
1
0
1
0
1
1
0
1
1
FUSEBIT
3
19
don't use
FUSEBIT
4
20
don't use
FUSEBIT
Trimming
5
21
don't use
FUSEBIT
6
22
don't use
FUSEBIT
7
23
don't use
FUSEBIT Device Address
8
24
Lot no. LSB
FUSEBIT
Chip ID
9
25
Lot no. MSB
FUSEBIT
10
26
Chip ID
FUSEBIT
11
27
Factory use only
FUSEBIT
12
28
Revision no.
FUSEBIT
13
29
no function
FUSEBIT
14
30
no function
FUSEBIT
15
31
no function
FUSEBIT
Application
parameters
Figure 19: Corresponding memory map epc110 “Long range”
Parameter settings can be done by writing complete 16 bit registers only.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
21
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com