Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC110 Datasheet(PDF) 13 Page - Espros Photonics corp

Part # EPC110
Description  Fully integrated configurable light barrier driver & receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC110 Datasheet(HTML) 13 Page - Espros Photonics corp

Back Button EPC110 Datasheet HTML 9Page - Espros Photonics corp EPC110 Datasheet HTML 10Page - Espros Photonics corp EPC110 Datasheet HTML 11Page - Espros Photonics corp EPC110 Datasheet HTML 12Page - Espros Photonics corp EPC110 Datasheet HTML 13Page - Espros Photonics corp EPC110 Datasheet HTML 14Page - Espros Photonics corp EPC110 Datasheet HTML 15Page - Espros Photonics corp EPC110 Datasheet HTML 16Page - Espros Photonics corp EPC110 Datasheet HTML 17Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
epc110
VMODE
0
16
15
Disables WRITE access to volatile RAM
11 Values Default Recommended Setting
0
On
X
WRITE access to RAM possible.
1.
Fix-parameter mode / Debug mode:
This setting allows to overwrite the RAM contents, which is useful during debugging.
Once the system is fully developed, this parameter should be set to “1”.
2.
Dynamic mode:
This setting could also be useful for dynamic system application, if the system
parameters should be changed “on the fly” after power-up. It is recommended to
program the parameters and burn it into the ROM first. All deviating run-time
parameters have then to be downloaded on the fly after power-up every time.
1
Off
WRITE access to RAM denied.
Set to “1” in the final product to avoid accidentally overwriting of the contents of the RAM registers.
Parameter
Name
Register No.
Bit No.
Function
ROM
RAM
FUSEBIT
1
17
0
During write operation to this RAM register, put this bit = 0.
This bit will be set automatically, when corresponding ROM register is programmed.
0 Values
0 The corresponding ROM register is not programmed
1 The corresponding ROM register is programmed
n/a
1
17
2...1
no function, must be set to “0”
2
1
0
0
INC
1
17
6...3
Weight of valid pulse counts. Refer to Pulse Modulated Operation (e.g. OUTNint to OUTN) :
Minimum number of valid (non-missing) pulses nV of light detection for counting the r esponse time tR.
6
5
4
3
INC
min. nV
Setting
0
0
0
0
0
1
X (Default setting)
0
0
0
1
1
32
0
0
1
0
2
16
0
0
1
1
3
11
0
1
0
0
4
8
X (typical setting)
0
1
0
1
5
7
0
1
1
0
6
6
0
1
1
1
7
5
1
0
0
0
8
4
1
0
0
1
9
4
1
0
1
0
10
4
1
0
1
1
11
3
1
1
0
0
12
3
1
1
0
1
13
3
1
1
1
0
14
3
1
1
1
1
15
3
n/a
1
17
8...7
no function, must be set to “0”
8
7
0
0
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
13
Datasheet epc110 - V2.1
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com