Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200
Description  Fully-Differential Isolation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 1 Page - Texas Instruments

  AMC1200 Datasheet HTML 1Page - Texas Instruments AMC1200 Datasheet HTML 2Page - Texas Instruments AMC1200 Datasheet HTML 3Page - Texas Instruments AMC1200 Datasheet HTML 4Page - Texas Instruments AMC1200 Datasheet HTML 5Page - Texas Instruments AMC1200 Datasheet HTML 6Page - Texas Instruments AMC1200 Datasheet HTML 7Page - Texas Instruments AMC1200 Datasheet HTML 8Page - Texas Instruments AMC1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
0V
250mV
2.55V
2V
1.29V
2V
5V
3.3V
GND1
GND2
VDD1
VDD2
VOUTP
VOUTN
VINP
VINN
AMC1200
www.ti.com
SBAS542A
– APRIL 2011 – REVISED AUGUST 2011
Fully-Differential Isolation Amplifier
Check for Samples: AMC1200
1
FEATURES
DESCRIPTION
The AMC1200 is a precision isolation amplifier with
2
•
±250-mV Input Voltage Range Optimized for
an output separated from the input circuitry by a
Shunt Resistors
silicon dioxide (SiO2) barrier that is highly resistant to
•
Very Low Nonlinearity: 0.075% max at 5 V
magnetic interference. This barrier has been certified
•
Low Offset Error: 1.5 mV max
to provide galvanic isolation of up to 4000 VPEAK
according to UL1577 and IEC60747-5-2. Used in
•
Low Noise: 3.1 mVRMS typ
conjunction with isolated power supplies, this device
•
Low High-Side Supply Current: 8 mA max at
prevents noise currents on a high common-mode
5 V
voltage line from entering the local ground and
•
Input Bandwidth: 60 kHz min
interfering with or damaging sensitive circuitry.
•
Fixed Gain: 8 (0.5% accuracy)
The input of the AMC1200 is optimized for direct
connection to shunt resistors or other low voltage
•
High Common-Mode Rejection Ratio: 108 dB
level signal sources. The excellent performance of
•
3.3-V Operation on Low-Side
the device supports accurate current control resulting
•
Certified Galvanic Isolation:
in system-level power saving and, especially in
– UL1577 and IEC60747-5-2 Approved
motor-control applications, lower torque ripple. The
common-mode
voltage
of
the
output
signal
is
– Isolation Voltage: 4000 VPEAK
automatically adjusted to either the 3-V or 5-V
– Working Voltage: 1200 VPEAK
low-side supply.
– Transient Immunity: 10 kV/µs min
The AMC1200 is fully specified over the extended
•
Typical 10-Year Lifespan at Rated Working
industrial temperature range of
–40 °C to +105 °C
Voltage (see Application Report SLLA197)
and is available in the SMD-type, gullwing-8 package.
•
Fully Specified Over the Extended Industrial
Temperature Range
APPLICATIONS
•
Shunt Resistor Based Current Sensing in:
– Motor Control
– Green Energy
– Frequency Inverters
– Uninterruptible Power Supplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AMC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
AMC1200 TI-AMC1200 Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200 TI2-AMC1200 Datasheet
1Mb / 34P
AMC1200/B Fully-Differential Isolation Amplifier
REVISED JULY 2015
AMC1200-Q1 TI1-AMC1200-Q1 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
AMC1200-Q1 TI2-AMC1200-Q1 Datasheet
1Mb / 34P
AMC1200/B Fully-Differential Isolation Amplifier
REVISED JULY 2015
More results

Similar Description - AMC1200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
Fully-Differential Isolation Amplifier for Energy Metering
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
Fully Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
Fully Differential Isolation Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
Texas Instruments
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
Fully-Differential Isolation Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com