Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200
Description  Fully-Differential Isolation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC1200 Datasheet HTML 11Page - Texas Instruments AMC1200 Datasheet HTML 12Page - Texas Instruments AMC1200 Datasheet HTML 13Page - Texas Instruments AMC1200 Datasheet HTML 14Page - Texas Instruments AMC1200 Datasheet HTML 15Page - Texas Instruments AMC1200 Datasheet HTML 16Page - Texas Instruments AMC1200 Datasheet HTML 17Page - Texas Instruments AMC1200 Datasheet HTML 18Page - Texas Instruments AMC1200 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
AMC1200
www.ti.com
SBAS542A
– APRIL 2011 – REVISED AUGUST 2011
ISOLATION GLOSSARY
Creepage Distance: The shortest path between two conductive input to output leads measured along the
surface of the insulation. The shortest distance path is found around the end of the package body.
Clearance: The shortest distance between two conductive input to output leads measured through air (line of
sight).
Input-to-Output Barrier Capacitance: The total capacitance between all input terminals connected together,
and all output terminals connected together.
Input-to-Output Barrier Resistance: The total resistance between all input terminals connected together, and
all output terminals connected together.
Primary Circuit: An internal circuit directly connected to an external supply mains or other equivalent source that
supplies the primary circuit electric power.
Secondary Circuit: A circuit with no direct connection to primary power that derives its power from a separate
isolated source.
Comparative Tracking Index (CTI): CTI is an index used for electrical insulating materials. It is defined as the
numerical value of the voltage that causes failure by tracking during standard testing. Tracking is the process that
produces a partially conducting path of localized deterioration on or through the surface of an insulating material
as a result of the action of electric discharges on or close to an insulation surface. The higher CTI value of the
insulating material, the smaller the minimum creepage distance.
Generally, insulation breakdown occurs either through the material, over its surface, or both. Surface failure may
arise from flashover or from the progressive degradation of the insulation surface by small localized sparks. Such
sparks are the result of the breaking of a surface film of conducting contaminant on the insulation. The resulting
break in the leakage current produces an overvoltage at the site of the discontinuity, and an electric spark is
generated. These sparks often cause carbonization on insulation material and lead to a carbon track between
points of different potential. This process is known as tracking.
Insulation:
Operational insulation
—Insulation needed for the correct operation of the equipment.
Basic insulation
—Insulation to provide basic protection against electric shock.
Supplementary insulation
—Independent insulation applied in addition to basic insulation in order to ensure
protection against electric shock in the event of a failure of the basic insulation.
Double insulation
—Insulation comprising both basic and supplementary insulation.
Reinforced insulation
—A single insulation system that provides a degree of protection against electric shock
equivalent to double insulation.
Copyright
© 2011, Texas Instruments Incorporated
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com