Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1200
Description  Fully-Differential Isolation Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1200 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC1200 Datasheet HTML 8Page - Texas Instruments AMC1200 Datasheet HTML 9Page - Texas Instruments AMC1200 Datasheet HTML 10Page - Texas Instruments AMC1200 Datasheet HTML 11Page - Texas Instruments AMC1200 Datasheet HTML 12Page - Texas Instruments AMC1200 Datasheet HTML 13Page - Texas Instruments AMC1200 Datasheet HTML 14Page - Texas Instruments AMC1200 Datasheet HTML 15Page - Texas Instruments AMC1200 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
R
2
12W
R
3
12W
R
SHUNT
AMC1200
Gated
Drive
Circuit
ToLoad
Floating
PowerSupply
HV+
Isolation
Barrier
C
2
(1)
330pF
C
3
10pF
(optional)
VDD1
VINP
VINN
GND1
VDD2
VOUTP
VOUTN
GND2
C
4
10pF
(optional)
C
1
(1)
0.1 F
m
D
1
5.1V
R
1
Gated
Drive
Circuit
Power
Supply
HV-
C
5
(1)
0.1 F
m
ADC
TMC320
C/F28xxx
AMC1200
SBAS542A
– APRIL 2011 – REVISED AUGUST 2011
www.ti.com
APPLICATION INFORMATION
MOTOR CONTROL
A typical operation of the AMC1200 in a motor-control application is shown in Figure 32. Measurement of the
motor phase current is done through the shunt resistor, RSHUNT (in this case, a two-terminal shunt). For better
performance, the differential signal is filtered using RC filters (components R2, R3, and C2). Optionally, C3 and C4
can be used to reduce charge dumping from the inputs. In this case, care should be taken when choosing the
quality of these capacitors; mismatch in values of these capacitors leads to a common-mode error at the input of
the modulator.
(1)
Place these capacitors as close as possible to the AMC1200.
Figure 32. Typical Application Diagram for the AMC1200
The high-side power supply for the AMC1200 (VDD1) is derived from the power supply of the upper gate driver.
For lowest cost, a Zener diode can be used to limit the voltage to 5 V
±10%. A decoupling capacitor of 0.1 µF is
recommended for filtering this power-supply path. This capacitor (C1 in Figure 32) should be placed as close as
possible to the VDD1 pin for best performance. If better filtering is required, an additional 1-
µF to 10-µF capacitor
can be used. The floating ground reference (GND1) is derived from the end of the shunt resistor, which is
connected to the negative input of the AMC1200 (VINN). If a four-terminal shunt is used, the inputs of AMC1200
are connected to the inner leads, while GND1 is connected to one of the outer leads of the shunt.
The high transient immunity of the AMC1200 ensures reliable and accurate operation even in high-noise
environments such as the power stages of the motor drives.
The differential output of the AMC1200 can either directly drive an analog-to-digital converter (ADC) input or can
be further filtered before being processed by the ADC.
As shown in Figure 33, it is recommended to place the bypass and filter capacitors as close as possible to the
AMC1200 to ensure best performance.
12
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com