Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC700-QFN16 Datasheet(PDF) 4 Page - Espros Photonics corp

Part # EPC700-QFN16
Description  24V/50mA General-Purpose Output-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC700-QFN16 Datasheet(HTML) 4 Page - Espros Photonics corp

  EPC700-QFN16 Datasheet HTML 1Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 2Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 3Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 4Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 5Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 6Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 7Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 8Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 9Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
He
epc701/epc703
Functional Description
Normal Operation
During typical operation the OUT follows the IN as shown in Figure 1. In the the other state (when IN is set to high level), the internal switch is
closed pulling the OUT pin to VDD. As long as the output current does not exceed the current threshold, OUT is stable ON and STATUS is
stable HIGH-Z. The delay from IN to OUT is defined as t ON and tOFF for the rising and the falling edge respectively.
Please note that the status of the pin OUT is dependent whether the chip is operated with or without external driver transistor. In the
subsequent diagrams, the version without external driver transistor is shown only.
Note: The parameter text used in this paper is described in Figure 7.
Over-current Sequence
A short on the load side will lead to an over-current through OUT. If an over-current stays longer than the time tdel and text, OUT is turned off as
shown in the figure below. At the same time STATUS changes its state to indicate an over-current situation to an external controller. STATUS
can also be used to drive directly an indicator LED due to its 10mA driving capability. epc701 delivers a constant on-signal, whereas epc703
has a flashing output.
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
4
Datasheet epc701_703 - V2.2
www.espros.ch
Figure 1: Normal operation
Timing diagram operation mode
epc700
LST
IN
OUT (without
external Transistor
STATUS
epc700
SHORT
SENS
HIGH-Z
05.01.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
05.01.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
t
LED
t
LED
t
LED
t
LED
t
LED
t
LED
t
LED
t
LED
STATUS
epc702
VDD
0
HIGH-Z
0
V
th sens
HIGH-Z
VDD-
⎮V
Sat⎮
t
off
t
on
OUT (with
external Transistor
0
VDD
Figure 2: Short circuit detection
Timing diagram typical overcurrent
epc700
LST
V
th sens
t
del
t
ext
IN
OUT
STATUS
epc701
SHORT
SENS
HIGH-Z
05.01.2011
Page 1
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
STATUS
epc703
V
DD
0
0
0
t
LED
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com