Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC700-QFN16 Datasheet(PDF) 8 Page - Espros Photonics corp

Part # EPC700-QFN16
Description  24V/50mA General-Purpose Output-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC700-QFN16 Datasheet(HTML) 8 Page - Espros Photonics corp

Back Button EPC700-QFN16 Datasheet HTML 3Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 4Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 5Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 6Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 7Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 8Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 9Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 10Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 11Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
He
epc701/epc703
The delay time is set with d1, d2, and d3. The bits D1, D2, and D3 are the inverted values of d1, d2, and d3. Table 3 shows the value mapping
table for the 8 different delay times.
delay [µs]
D1
D2
D3
d1
d2
d3
Comments
50
1
1
1
0
0
0
Default value
5
1
1
0
0
0
1
10
1
0
1
0
1
0
20
1
0
0
0
1
1
100
0
1
1
1
0
0
200
0
1
0
1
0
1
500
0
0
1
1
1
0
1000
0
0
0
1
1
1
Table 3: Delay-time programming table
An un-configured chip is applying a default delay time of 50µs corresponding to [d 1, d2, d3] = 000 and [D1, D2, D3] = 111.
The recovery time is set to o1, o2, and o3, resp. O1, O2, and O3 which are the inverted values of o 1, o2, and o3. Table 4 shows the value mapping
table for the 8 different recovery time delay values.
Recovery
time [ms]
O1
O2
O3
o1
o2
o3
Comments
500
1
1
1
0
0
0
Default value
10
1
1
0
0
0
1
20
1
0
1
0
1
0
50
1
0
0
0
1
1
100
0
1
1
1
0
0
200
0
1
0
1
0
1
1000
0
0
1
1
1
0
1500
0
0
0
1
1
1
Table 4: Recovery time programming table
An un-configured chip is applying the default recovery time of 500ms corresponding to [o 1, o2, o3] = 000 and [O1, O2, O3] = 111.
Programming Example
An example for changing the delay time to 100µs is shown in the following diagram:
Figure 9: Programming example to set tdel to 100μs
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
8
Datasheet epc701_703 - V2.2
www.espros.ch
<Title>
<name>
File:
This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission
.
02.08.2010
Page 1
<xx>
Clock
1
0
0
1
1
0
0
Data
Manchester
Code
0
0 1
1
1
1
0
0
1
1
1
0
0
1
0
Bit #
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com