Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC700-QFN16 Datasheet(PDF) 10 Page - Espros Photonics corp

Part # EPC700-QFN16
Description  24V/50mA General-Purpose Output-Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC700-QFN16 Datasheet(HTML) 10 Page - Espros Photonics corp

Back Button EPC700-QFN16 Datasheet HTML 3Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 4Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 5Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 6Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 7Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 8Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 9Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 10Page - Espros Photonics corp EPC700-QFN16 Datasheet HTML 11Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
He
epc701/epc703
Reflow Solder Profile
For infrared or conventional soldering the solder profile has to follow the recommendations of IPC/JEDEC J-STD-020C (min. revision C) for
Pb-free assembly for both types of packages. The peak soldering t emperature (TL) should not exceed +260°C for a maximum of 4 sec.
Packaging Information (all measures in mm)
Tape & Reel Information
The devices are packaged into embossed tapes for automatic placement systems. The tape is wound on 178 mm (7 inch) or 330 mm (13
inch) reels and individually packaged for shipment. General tape-and-reel specification data are available in a separate data sheet and indic-
ate the tape sizes for various package types. Further tape-and-reel specifications can be found in the Electronic Industries Association (EIA)
standard 481-1, 481-2, 481-3.
Pin 1
Pin 1
8
2
CSP6 Tape
QFN16 Tape
Pin 1
Pin 1
8
4
CSP6 Tape
QFN16 Tape
epc does not guarantee that there are no empty cavities in the tape. Thus, the pick-and-place machine should check the presence of a chip
during picking.
Ordering Information
Part Number
Package
RoHS compliance
Packaging Method
epc700-CSP6
CSP6
Yes
Reel
epc700-QFN16
QFN16
Yes
Reel
epc701-CSP6
CSP6
Yes
Reel
epc701-QFN16
QFN16
Yes
Reel
epc702-CSP6
CSP6
Yes
Reel
epc702-QFN16
QFN16
Yes
Reel
epc703-CSP6
CSP6
Yes
Reel
epc703-QFN16
QFN16
Yes
Reel
© 2011 ESPROS Photonics Corporation
Characteristics subject to change without notice
10
Datasheet epc701_703 - V2.2
www.espros.ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com