Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8F36 Datasheet(PDF) 4 Page - 3M Electronics

Part # 8F36
Description  3MTM High Routability Internal MiniSAS Cable Assembly, Series 8F36
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8F36 Datasheet(HTML) 4 Page - 3M Electronics

  8F36 Datasheet HTML 1Page - 3M Electronics 8F36 Datasheet HTML 2Page - 3M Electronics 8F36 Datasheet HTML 3Page - 3M Electronics 8F36 Datasheet HTML 4Page - 3M Electronics 8F36 Datasheet HTML 5Page - 3M Electronics 8F36 Datasheet HTML 6Page - 3M Electronics 8F36 Datasheet HTML 7Page - 3M Electronics 8F36 Datasheet HTML 8Page - 3M Electronics 8F36 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PS-0082 Rev. 01
Page 4 of 9
Document No.
: PS-0082
Revision
: 01
Revised Date
: 04-Aug-2010
Issued Date
: 04-Aug-2010
Electronic Solutions Division
6801 River Place Blvd
Austin, TX 78726
http://www.3Mconnector.com
3M
TM High Routability Internal MiniSAS Cable Assembly, Series 8F36
3.3.
Ratings
3.3.1.
Current rating: 0.5 A/contact
3.3.2.
Operating temperature: -20 to +80 deg C
3.4.
Performance and Test Description
Product is designed to meet electrical, mechanical and environmental
performance requirements specified in section 3.5. All tests are
performed at ambient environmental conditions per EIA-364 unless
otherwise specified.
The mated boardmount connector used in these tests was the 3M
MiniSAS internal right-angle connector, series 8AB36 (found on tech
sheet TS-2208).
3.5.
Test Requirements and Procedures Summary



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com