Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8F36 Datasheet(PDF) 8 Page - 3M Electronics

Part # 8F36
Description  3MTM High Routability Internal MiniSAS Cable Assembly, Series 8F36
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8F36 Datasheet(HTML) 8 Page - 3M Electronics

  8F36 Datasheet HTML 1Page - 3M Electronics 8F36 Datasheet HTML 2Page - 3M Electronics 8F36 Datasheet HTML 3Page - 3M Electronics 8F36 Datasheet HTML 4Page - 3M Electronics 8F36 Datasheet HTML 5Page - 3M Electronics 8F36 Datasheet HTML 6Page - 3M Electronics 8F36 Datasheet HTML 7Page - 3M Electronics 8F36 Datasheet HTML 8Page - 3M Electronics 8F36 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PS-0082 Rev. 01
Page 8 of 9
Document No.
: PS-0082
Revision
: 01
Revised Date
: 04-Aug-2010
Issued Date
: 04-Aug-2010
Electronic Solutions Division
6801 River Place Blvd
Austin, TX 78726
http://www.3Mconnector.com
3M
TM High Routability Internal MiniSAS Cable Assembly, Series 8F36
ENVIRONMENTAL
Aging (flat)
70°C for 500 hours per EIA-364-
17 method II, test condition A
No visual changes and meets
signal integrity specifications
(impedance, s- parameters).
Maximum initial R of 80
milliohms and maximum
delta R of 20 milliohms
Aging (folded)
85°C for 1000 hours per EIA-364-
17 method A condition 2 with 1
mm radius 180° fold.
No visual changes and meets
signal integrity specifications
(impedance, s- parameters).
Maximum initial R of 80
milliohms
and
maximum
delta R of 20 milliohms
Humidity
10 cycles (10 days) between 25°C
and 65°C at 80% to 100% RH, per
EIA-364-31, table 1, test condition
B, method III, figure 1. No bias
and no sub-cycle.
No visual changes and meets
signal integrity specifications
(impedance, s- parameters).
Maximum initial R of 80
milliohms
and
maximum
delta R of 20 milliohms
Thermal shock
-55°C to +85°C, 10 cycles, 1/2
hour at each temperature extreme
,
per EIA-364-32, Table 2, Test
Condition I
No visual changes and meets
signal integrity specifications
(impedance, s- parameters).
Maximum initial R of 80
milliohms
and
maximum
delta R of 20 milliohms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com