Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8F36 Datasheet(PDF) 5 Page - 3M Electronics

Part # 8F36
Description  3MTM High Routability Internal MiniSAS Cable Assembly, Series 8F36
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8F36 Datasheet(HTML) 5 Page - 3M Electronics

  8F36 Datasheet HTML 1Page - 3M Electronics 8F36 Datasheet HTML 2Page - 3M Electronics 8F36 Datasheet HTML 3Page - 3M Electronics 8F36 Datasheet HTML 4Page - 3M Electronics 8F36 Datasheet HTML 5Page - 3M Electronics 8F36 Datasheet HTML 6Page - 3M Electronics 8F36 Datasheet HTML 7Page - 3M Electronics 8F36 Datasheet HTML 8Page - 3M Electronics 8F36 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PS-0082 Rev. 01
Page 5 of 9
Document No.
: PS-0082
Revision
: 01
Revised Date
: 04-Aug-2010
Issued Date
: 04-Aug-2010
Electronic Solutions Division
6801 River Place Blvd
Austin, TX 78726
http://www.3Mconnector.com
3M
TM High Routability Internal MiniSAS Cable Assembly, Series 8F36
Test Description
Test Condition
Requirement
ELECTRICAL
Withstanding voltage
300 V DC applied for 1 minute
between adjacent signal wires,
between signal wire and shield,
and between sideband and shield
per EIA-364-20
No breakdown;
Current leakage < 1 mA
Insulation resistance
100V applied for 1 minute
between adjacent signal wires,
between signal wire and shield,
and between sideband and shield
per EIA-364-21
< 1000 Megohms
Propagation delay
Measured with 3 meter sample per
SFF-8416 sect 8.2.7.3
4.95 ns/m (typical)
Intrapair skew (within pair)
Measured with TDR method using
3 meter samples. Risetime of 40 ps
(10-90%). Skew measured at 70
ohm crossing point..
< 10 ps/meter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com