Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS32201 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 17Page - Integrated Device Technology ACS32201 Datasheet HTML 18Page - Integrated Device Technology ACS32201 Datasheet HTML 19Page - Integrated Device Technology ACS32201 Datasheet HTML 20Page - Integrated Device Technology ACS32201 Datasheet HTML 21Page - Integrated Device Technology ACS32201 Datasheet HTML 22Page - Integrated Device Technology ACS32201 Datasheet HTML 23Page - Integrated Device Technology ACS32201 Datasheet HTML 24Page - Integrated Device Technology ACS32201 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
IDT CONFIDENTIAL
16
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
Atten(in db) = (1 - ratio)(threshold-level);
•
For example,
• Ratio = 3:1
• Threshold = -40db
• Level = -44 db
The resulting attenuation required is 8db or a gain value of 0.1585.
The linear equation for calculating the gain is:
Gain =(level/threshold)ratio*(threshold/level)
•
State Transitions: In addition to calculating the new gain for the compressor, the gain calcu-
lation block will also select the filter coefficient for the attack/release filter. The rules for
selecting the coefficient are as follows:
In the compression region:
•
If the gain calculated is less than the last gain calculated (more compression is being
applied), then the filter coefficient is the compressor attack.
•
If the gain calculated is more than the last gain calculated (less compression), the filter coef-
ficient is the compressor release.
•
In the expansion region:
•
If the calculated gain is less than the last gain calculated (closing expander, the filter coeffi-
cient is the expander attack.
•
If the calculated gain is more than the last gain calculated, the filter coefficient is the
expander release.
In the linear region:
•
Modify gain until a gain of 1.0 is obtained.
•
If the last non-linear state was compression, use the compressor release.
•
If the last non-linear state was expansion, use the expander attack.
3. Attack/Release filter: In order to prevent objectionable artifacts, the gain is smoothly ramped
from the current value to the new value calculated by the gain calculation block. In the PC-based
comp/limiter, this is achieved using a simple tracking lowpass filter to smooth out the abrupt tran-
sitions. The calculation (using the coefficient (coeff) selected by the gain block) is:
Filtered_gain = coeff*last_filtered_gain + (1.0 - coeff)*target_gain;
This creates a exponential ramp from the current gain value to the new value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com