Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS32201 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 35Page - Integrated Device Technology ACS32201 Datasheet HTML 36Page - Integrated Device Technology ACS32201 Datasheet HTML 37Page - Integrated Device Technology ACS32201 Datasheet HTML 38Page - Integrated Device Technology ACS32201 Datasheet HTML 39Page - Integrated Device Technology ACS32201 Datasheet HTML 40Page - Integrated Device Technology ACS32201 Datasheet HTML 41Page - Integrated Device Technology ACS32201 Datasheet HTML 42Page - Integrated Device Technology ACS32201 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
IDT CONFIDENTIAL
34
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
3.16.3. Temperature Limit State Diagram:
Figure 14. Temp sense volume adjustment algorithm
3.16.4. Instant Cut Mode
This mode can be used to make our algorithm react faster to reduce thermal output but will cause
more pronounced volume changes. If enabled:
•
Only the high overheat is used, the low overheat is ignored.
•
Whenever polled, if the high overheat is 1, then the volume setting will immediately be set to 0h.
•
Conversely, if the high overheat is 0, the volume setting will immediately be set to the MaxVol
value.
•
Both volume clear and volume set events occur at the polling rate.
During this mode, the algorithm still possesses the ability to mute and then power down the BTL amp
if the high overheat continues to be 1. This mode is disabled by default.
3.16.5. Short Circuit Protection
To avoid damage to the outputs if a short circuit condition should occur, both the headphone and BTL amplifiers imple-
ment short circuit protection circuits. The headphone output amplifier will detect the load current and limit its output if in
an over current state. The BTL amplifier will sense a short to PVDD, ground, or between its +/- outputs and disable its
output if a short is detected. After a brief time, the amplifier will turn on again. If a short circuit condition is still present,
the amplifier will disable itself again.
Increment
Ratio Count
OverheatHL ==?
IDLE
TS Disabled
Every “Poll” time
(8ms default)
01
00
1X
Increment
Volume by
IncStep
Ratio met & Vol
/= Max?
No
Yes
Vol @ Min?
Yes
No
Vol = Mute?
Yes
Decrement
Volume by
DecStep
Volume =
Mute
BTL PWD
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com