Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS32201 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ACS32201
Description  PORTABLE CONSUMER DEVICE
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ACS32201 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ACS32201 Datasheet HTML 9Page - Integrated Device Technology ACS32201 Datasheet HTML 10Page - Integrated Device Technology ACS32201 Datasheet HTML 11Page - Integrated Device Technology ACS32201 Datasheet HTML 12Page - Integrated Device Technology ACS32201 Datasheet HTML 13Page - Integrated Device Technology ACS32201 Datasheet HTML 14Page - Integrated Device Technology ACS32201 Datasheet HTML 15Page - Integrated Device Technology ACS32201 Datasheet HTML 16Page - Integrated Device Technology ACS32201 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
IDT CONFIDENTIAL
8
V0.6 07/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
ACS32201
ACS32201
LOW-POWER, HIGH-FIDELITY, CLASS-D AMPLIFIER
•
DACCRAM Read Data (0x3D–LO, 0x3E–MID, 0x3F–HI), DACCRAM Write Data (0x3A–LO, 0x3B–MID, 0x3C–HI)
Registers
These two 24-bit registers provide the 24-bit data holding registers used when doing indirect writes/reads to the DAC
Coefficient RAM.
•
DACCRAM Address Register
This 7-bit register provides the address to the internal RAM when doing indirect writes/reads to the DAC Coefficient
RAM.
•
DACCRAM STATUS Register
This control register provides the write/read enable when doing indirect writes/reads to the DAC Coefficient RAM.
Register Address
Bit
Label
Type
Default
Description
R58 (3Ah)
DACCRAM_WRITE_LO
7:0
DACCRWD[7:0]
R/W
0
Low byte of a 24-bit data register, contains the values
to be written to the DACCRAM. The address written will
have been specified by the DACCRAM Address fields.
R59 (3Bh)
DACCRAM_WRITE_MID
7:0
DACCRWD[15:8]
R/W
0
Middle byte of a 24-bit data register, contains the
values to be written to the DACCRAM. The address
written will have been specified by the DACCRAM
Address fields.
R60 (3Ch)
DACCRAM_WRITE_HI
7:0
DACCRWD[23:16]
R/W
0
High byte of a 24-bit data register, contains the values
to be written to the DACCRAM. The address written will
have been specified by the DACCRAM Address fields.
R61 (3Dh)
DACCRAM_READ_LO
7:0
DACCRRD[7:0]
R
0
Low byte of a 24-bit data register, contains the contents
of the most recent DACCRAM address read from the
RAM. The address read will have been specified by the
DACCRAM Address fields.
R62 (3Eh)
DACCRAM_READ_MID
7:0
DACCRRD[15:8]
R
0
Middle byte of a 24-bit data register, contains the
contents of the most recent DACCRAM address read
from the RAM. The address read will have been
specified by the DACCRAM Address fields.
R63 (3Fh)
DACCRAM_READ_HI
7:0
DACCRRD[23:16]
R
0
High byte of a 24-bit data register, contains the
contents of the most recent DACCRAM address read
from the RAM. The address read will have been
specified by the DACCRAM Address fields.
Table 10. DACCRAM Read/Write Registers
Register Address
Bit
Label
Type
Default
Description
R64 (40h)
DACCRADDR
7:0
DACCRADD
R/W
0
Contains the address (between 0 and 255) of the
DACCRAM to be accessed by a read or write. This is
not a byte address--it is the address of the 24-bit
data item to be accessed from the DACCRAM.This
address is automatically incremented after writing to
DACCRAM_WRITE_HI or reading from
DACCRAM_READ_HI (and the 24 bit data from the
next RAM location is fetched.)
Table 11. DACCRAM Address Register
Register Address
Bit
Label
Type
Default
Description
R138 (8Ah)
DACCRSTAT
7
DACCRAM_Busy
R
0
1 = read/write to DACCRAM in progress, cleared by
HW when done.
6:0
RSVD
R
0
Reserved
Table 12. DACCRAM Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com