Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9FG108D
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG108D Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9FG108D Datasheet HTML 1Page - Integrated Device Technology ICS9FG108D Datasheet HTML 2Page - Integrated Device Technology ICS9FG108D Datasheet HTML 3Page - Integrated Device Technology ICS9FG108D Datasheet HTML 4Page - Integrated Device Technology ICS9FG108D Datasheet HTML 5Page - Integrated Device Technology ICS9FG108D Datasheet HTML 6Page - Integrated Device Technology ICS9FG108D Datasheet HTML 7Page - Integrated Device Technology ICS9FG108D Datasheet HTML 8Page - Integrated Device Technology ICS9FG108D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IDTTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1542E 12/16/10
ICS9FG108D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN /C LKIN
IN
C rystal inpu t or R e feren ce C lock in put
2
X2
OU T
C rystal outp ut, N om inally 14 .318 MH z
3
VD D
PWR
Pow e r supp ly, nom inal 3.3 V
4
GN D
PWR
Groun d pin.
5
R EFOU T
OU T
R e fere nce C lock o utput
6
vFS2
IN
Freq uency se lect pin . This pin has a n internal 1 20k pu ll dow n resistor
7vOE_7
IN
Active hig h inp ut for enab ling o utpu t 7. This p in ha s a 120 kohm pull do w n.
0 = tri-sta te ou tputs, 1 = ena ble o utpu ts
8
D IF_ 7
OU T
0 .7V differe ntial true clock o utpu t
9
D IF_ 7#
OU T
0 .7V differe ntial C o mplem enta ry clock ou tput
1 0
VD D
PWR
Pow e r supp ly, nom inal 3.3 V
1 1
D IF_ 6
OU T
0 .7V differe ntial true clock o utpu t
1 2
D IF_ 6#
OU T
0 .7V differe ntial C o mplem enta ry clock ou tput
13
^OE_6
IN
Active hig h inp ut for enab ling o utpu t 6. This p in ha s a n inte rna l 120ko hm p ull up .
0 = tri-sta te ou tputs, 1 = ena ble o utpu ts
1 4
VD D
PWR
Pow e r supp ly, nom inal 3.3 V
1 5
GN D
PWR
Groun d pin.
16
^OE_5
IN
Active hig h inp ut for enab ling o utpu t 5. This p in ha s a n inte rna l 120ko hm p ull up .
0 = tri-sta te ou tputs, 1 = ena ble o utpu ts
1 7
D IF_ 5
OU T
0 .7V differe ntial true clock o utpu t
1 8
D IF_ 5#
OU T
0 .7V differe ntial C o mplem enta ry clock ou tput
1 9
VD D
PWR
Pow e r supp ly, nom inal 3.3 V
2 0
D IF_ 4
OU T
0 .7V differe ntial true clock o utpu t
2 1
D IF_ 4#
OU T
0 .7V differe ntial C o mplem enta ry clock ou tput
22
vOE_4
IN
Active hig h inp ut for enab ling o utpu t 4. This p in as an internal 1 20koh m pu ll dow n.
0 = tri-sta te ou tputs, 1 = ena ble o utpu ts
2 3
SD ATA
I/O
D a ta pin fo r SMBus circuitry, 3.3V tolerant.
2 4
SC LK
IN
C lo ck pin of SMBus circu itry, 5V tole rant.
Note:
^ indic ates internal 120K pull up
v indic ates internal 120K pull down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com