Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108D Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS9FG108D
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG108D Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS9FG108D Datasheet HTML 6Page - Integrated Device Technology ICS9FG108D Datasheet HTML 7Page - Integrated Device Technology ICS9FG108D Datasheet HTML 8Page - Integrated Device Technology ICS9FG108D Datasheet HTML 9Page - Integrated Device Technology ICS9FG108D Datasheet HTML 10Page - Integrated Device Technology ICS9FG108D Datasheet HTML 11Page - Integrated Device Technology ICS9FG108D Datasheet HTML 12Page - Integrated Device Technology ICS9FG108D Datasheet HTML 13Page - Integrated Device Technology ICS9FG108D Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IDTTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1542E 12/16/10
ICS9FG108D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
10
SMBus Table: Frequency Select Readback Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
SEL14M_25M#
1
(FS3)
State of pin 27
R
Pin 27
Bit 6
FS2
1
State of pin 6
R
Pin 6
Bit 5
FS1
1
State of pin 44
R
Pin 44
Bit 4
FS0
1
State of pin 45
R
Pin 45
Bit 3
SPREAD
1
State of pin 26
R
Off
On
Pin 26
Bit 2
RX
Bit 1
RX
Bit 0
RX
Notes:
1. These bits reflect the state of the corresponding pins, regardless of whether software
programming is enabled or not.
SMBus Table: Vendor & Revision ID Register
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
-
-
X
Bit 6
RID2
R
-
-
X
Bit 5
RID1
R
-
-
X
Bit 4
RID0
R
-
-
X
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
SMBus Table: DEVICE ID
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
DEVID7
R
0
Bit 6
DEVID6
R
0
Bit 5
DEVID5
R
0
Bit 4
DEVID4
R
0
Bit 3
DEVID3
R
1
Bit 2
DEVID2
R
0
Bit 1
DEVID1
R
0
Bit 0
DEVID0
R
0
Device ID = 08 hex
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Byte 3
6
27
45
44
See Frequency
Selection Table,
Page 1
26
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Byte 4
-
REVISION ID
-
-
-
-
-
VENDOR ID
-
-
-
-
-
-
-
Byte 5
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com