Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108D Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS9FG108D
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG108D Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS9FG108D Datasheet HTML 2Page - Integrated Device Technology ICS9FG108D Datasheet HTML 3Page - Integrated Device Technology ICS9FG108D Datasheet HTML 4Page - Integrated Device Technology ICS9FG108D Datasheet HTML 5Page - Integrated Device Technology ICS9FG108D Datasheet HTML 6Page - Integrated Device Technology ICS9FG108D Datasheet HTML 7Page - Integrated Device Technology ICS9FG108D Datasheet HTML 8Page - Integrated Device Technology ICS9FG108D Datasheet HTML 9Page - Integrated Device Technology ICS9FG108D Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IDTTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
1542E 12/16/10
ICS9FG108D
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
6
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = Tambient, Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage
VIH
3.3 V +/-5%
2
V
DD + 0.3
V1
Input Low Voltage
VIL
3.3 V +/-5%
V
SS - 0.3
0.8
V
1
Input High Current
IIH
VIN = VDD
-5
5
uA
1
IIL1
VIN = 0 V; Inputs with no pull-
up resistors
-5
uA
1
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
uA
1
IDDVDD
186
215
mA
1
IDDVDDA
22
25
mA
1
IDDVDD
156
179
mA
1
IDDVDDA
22
25
mA
1
IDDVDDPD
148
170
mA
1
IDDVDDAPD
22
25
mA
1
IDDVDDPD
30
35
mA
1
IDDVDDAPD
22
25
mA
1
IDDVDD
205
236
mA
1
IDDVDD
24
28
mA
1
IDDVDDA
172
198
mA
1
IDDVDDA
24
28
mA
1
163
187
mA
1
24
28
mA
1
33
38
mA
1
24
28
mA
1
SEL14M_25M# = 0
22.50
25.00
28.00
MHz
3
SEL14M_25M# = 1
12.89 14.31818
15.75
MHz
3
Pin Inductance
1
Lpin
7nH
1
CIN
Logic Inputs
1.5
5
pF
1
COUT
Output pin capacitance
6
pF
1
TSTABcom
From VDD Power-Up to 1st
clock
1.8
ms
1,2
TSTABind
From VDD Power-Up to 1st
clock
3ms
1,2
SEL14M_25M# = 0
32.541
kHz
1,3,4
SEL14M_25M# = 1
32.467
kHz
1,3,4
Spread Modulation %
fMOD%DWN
Down Spread Selected
-0.5
%
1,3,4
Spread Modulation %
fMOD%CTR
Center Spread Selected
+/-0.25
%
1,3,4
DIF output enable
tDIFOE
DIF output enable after
DIF_Stop# de-assertion
15
ns
1
Input Rise and Fall times
tR/tF
20% to 80% of VDD
5
ns
1
1Guaranteed by design and characterization, not 100% tested in production.
2See timing diagrams for timing requirements.
All DIF pairs stopped in Hi-Z
mode
3 Input frequency should be measured at the REF pin and tuned to 0 PPM to meet
ppm frequency accuracy on PLL outputs.
4 These values assume 25MHz or 14.31818MHz inputs respectively. Using a higher or lower frequency will scale
these frequencies accordingly. The output frequecy selected by the FS inputs will also scale. For example, 27MHz
input with an FS selection of 100MHz will yield an output frequency of 27/25 x 100 = 108MHz.
All DIF pairs stopped in Hi-Z
mode
CL=Full load; fout = 400 MHz
CL=Full load; fout = 100 MHz
All DIF pairs stopped in driven
mode
Input/Output
Capacitance
1
Fi
Clk Stabilization
1,2
Input Low Current
Operating Supply Current
(TA = Commercial)
DIF_STOP# Current
(TA = Commercial)
Input Frequency
3
CL=Full load; fout = 400 MHz
CL=Full load; fout = 100 MHz
All DIF pairs stopped in driven
mode
IDDVDDPD
IDDVDDAPD
SPEC
Operating Supply Current
(TA = Industrial)
DIF_STOP# Current
(TA = Industrial)
fMOD
Spread Modulation
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com