Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS21T
Description  0.4A , 250V Plastic-Encapsulated Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS21T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS21T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS21T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS21T
0.4A , 250V
Plastic-Encapsulated Diode
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast switching speed
For General Purpose Switching Applications
High Conductance
MARKING
T3
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
VRWM
Reverse voltage
VR
Peak forward Continuous current
IFM
400
mA
Maximum Average Forward Rectified Current
IF(AV)
200
mA
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load (JEDEC
Method)
t=1.0µs
IFSM
2.5
A
t=1.0s
0.5
Power dissipation
PD
150
mW
Typical Thermal Resistance Junction to Ambient
RθJA
833
°C / W
Operating Junction and storage temperature range
TJ,TSTG
150, -65~150
°C
SOT-523
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325


Similar Part No. - BAS21T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21T DIODES-BAS21T Datasheet
56Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30264 Rev. B-2
BAS21T DIODES-BAS21T Datasheet
84Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30264 Rev. 6 - 2
logo
Guangdong Kexin Industr...
BAS21T KEXIN-BAS21T Datasheet
42Kb / 1P
Surface Mount Fast Switching Diode
logo
Diodes Incorporated
BAS21T DIODES-BAS21T Datasheet
87Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 10 - 2 March 2009
logo
Micro Commercial Compon...
BAS21T MCC-BAS21T Datasheet
191Kb / 3P
150mW 250 Volt Switching Diode
More results

Similar Description - BAS21T

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1SS370 TEL-1SS370 Datasheet
61Kb / 1P
Plastic-Encapsulated Diode
BAS19W TEL-BAS19W Datasheet
62Kb / 1P
Plastic-Encapsulated Diode
BAW56DW TEL-BAW56DW Datasheet
117Kb / 2P
Plastic-Encapsulated Diode
BAW56W TEL-BAW56W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
BZX84C2V4W TEL-BZX84C2V4W Datasheet
104Kb / 1P
Plastic-Encapsulated DIODE
DA221 TEL-DA221 Datasheet
55Kb / 1P
Plastic-Encapsulated Diode
MMBD4148W TEL-MMBD4148W Datasheet
60Kb / 1P
Plastic-Encapsulated Diode
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T_15 Datasheet
261Kb / 2P
Plastic- Encapsulated Diode
MMBD4148T SECOS-MMBD4148T_15 Datasheet
241Kb / 2P
Plastic-Encapsulated Diode
logo
Silicon Supplies
BAS21 SS-BAS21 Datasheet
1Mb / 3P
250V 0.4A Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com