Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4738 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4738
Description  0.15A , 60V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4738 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4738 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4738 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC4738
0.15A , 60V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
23-Feb-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
FEATURES
High Voltage and High Current
High DC Current Gain
Complementary to 2SA1832
CLASSIFICATION OF hFE
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
150
mA
Collector Power Dissipation
PC
100
mW
Thermal Resistance Junction to Ambient
RθJA
1250
°C / W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100µA, IC=0
Collector Cut - off Current
ICBO
-
-
100
nA
VCB=60V, IE=0
Emitter Cut - off Current
IEBO
-
-
100
nA
VEB=5V, IC=0
DC Current Gain
hFE
120
-
700
VCE=6V, IC=2mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.25
V
IC=100mA, IB=10mA
Transition Frequency
fT
80
-
-
MHz
VCE=10V, IC=1mA
Collector Output Capacitance
Cob
-
-
3.5
pF
VCB=10V, IE=0, f=1MHz
Product-Rank
2SC4738-Y
2SC4738-GR 2SC4738-BL
Range
120~240
200~400
350~700
Marking
LY
LG
LL
Package
MPQ
Leader Size
SOT-523
3K
7 inch
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-523
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738 TOSHIBA-2SC4738 Datasheet
409Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SC4738 KEXIN-2SC4738 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar type
logo
Weitron Technology
2SC4738 WEITRON-2SC4738 Datasheet
159Kb / 3P
NPN TRANSISTOR
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results

Similar Description - 2SC4738

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
KTA1504 SECOS-KTA1504 Datasheet
58Kb / 1P
-0.15A , -50V PNP Plastic Encapsulated Transistor
KTA2014 SECOS-KTA2014 Datasheet
450Kb / 3P
-0.15A , -50V PNP Plastic Encapsulated Transistor
KTC3875 SECOS-KTC3875 Datasheet
595Kb / 3P
0.15A , 60V NPN Plastic Encapsulated Transistor
SCS16DSTL SECOS-SCS16DSTL Datasheet
187Kb / 2P
0.15A , 75V Plastic-Encapsulated Switching Diode
SCS4148DSTL SECOS-SCS4148DSTL Datasheet
186Kb / 2P
0.15A , 75V Plastic-Encapsulated Switching Diode
MMBT3904M SECOS-MMBT3904M Datasheet
292Kb / 2P
0.2A, 60V NPN Plastic Encapsulated Transistor
MPS750 SECOS-MPS750 Datasheet
67Kb / 1P
-2A , -60V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com