Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP104F Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BP104F
Description  Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BP104F Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BP104F Datasheet HTML 1Page - Siemens Semiconductor Group BP104F Datasheet HTML 2Page - Siemens Semiconductor Group BP104F Datasheet HTML 3Page - Siemens Semiconductor Group BP104F Datasheet HTML 4Page - Siemens Semiconductor Group BP104F Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BP 104 F
BP 104 FS
Semiconductor Group
2
1997-11-19
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen
bei 950 nm
q
kurze Schaltzeit (typ. 20 ns)
q
DIL-Plastikbauform mit hoher Packungs-
dichte
q
BP 104 FS: geeignet für Vapor-Phase
Löten und IR-Reflow Löten
Anwendungen
q
IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern, Gerätefernsteuerungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
Grenzwerte
Maximum Ratings
Typ (*vorher)
Type (*formerly)
Bestellnummer
Ordering Code
BP 104 F
(*BP 104 )
Q62702-P84
BP 104 FS
Q62702-P1646
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 ... + 85
°C
Sperrspannung
Reverse voltage
V
R
20
V
Verlustleistung,
T
A = 25 °C
P
tot
150
mW
Features
q
Especially suitable for applications
of 950 nm
q
Short switching time (typ. 20 ns)
q
DIL plastic package with high packing
density
q
BP 104 FS: suitable for vapor-phase and
IR-reflow soldering
Applications
q
IR remote control of hi-fi and TV sets,
video tape recorders, dimmers, remote
controls of various equipment
q
Photointerrupters



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com