Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP104F Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BP104F
Description  Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BP104F Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BP104F Datasheet HTML 1Page - Siemens Semiconductor Group BP104F Datasheet HTML 2Page - Siemens Semiconductor Group BP104F Datasheet HTML 3Page - Siemens Semiconductor Group BP104F Datasheet HTML 4Page - Siemens Semiconductor Group BP104F Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BP 104 F
BP 104 FS
Semiconductor Group
4
1997-11-19
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
TC
I
0.18
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 10 V
NEP
3.6
× 10–14
W
√Hz
Nachweisgrenze,
V
R = 10 V
Detection limit
D*
6.1
× 1012
cm ·
√Hz
W
Kennwerte (
T
A = 25 °C, λ = 950 nm)
Characteristics (cont’d)
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com