Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP340 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMP340
Description  Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMP340 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMP340 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMP340 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMP340 ~ SMP3100
Voltage 40V ~ 100V
3.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
16-Mar-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Schottky barrier rectifier
Guard ring protection
Low forward voltage
Reverse energy tested
High current capability
Extremely low thermal resistance
MECHANICAL DATA
Case:TO-277A molded plastic body
Polarity:Color band denotes cathode end
Mounting position:Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-277A
4K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
SMP340
SMP360
SMP3100
Maximum Repetitive peak Reverse Voltage
VRRM
40
60
100
V
Maximum RMS Voltage
VRMS
28
42
70
V
Maximum DC Blocking Voltage
VDC
40
60
100
V
Maximum Average Forward Rectified Current
@ TL = 90°C
IF(AV)
3
A
Peak Forward Surge Current. 8.3ms Single Half
Sine-Wave Superimposed On Rated Load (JEDEC
method)
IFSM
100
A
Maximum Instantaneous Forward Voltage @ IFM=3A
1
VF
0.50
0.75
0.85
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
IR
0.5
mA
TJ=125°C
20
10
Maximum Thermal Resistance Junction to Lead
RθJL
17
°C / W
Operating Temperature Range
TJ
-55~125
°C
Storage Temperature Range
TSTG
-55~150
°C
Notes:
1.
Pulse test:Pulse width 300µs, duty cycle 1%.
TO-277A
M
N
A
B
I
F
J
C
E
D
G
H
K
L
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.4
4.8
H
4.05 Typ.
B
5.9
6.3
J
4.4
4.8
C
6.3
6.7
K
2.0
2.2
D
4.1
4.5
L
1.0
1.4
E
0.65 Typ.
M
0.15
0.35
F
3.55
3.95
N
1.0
1.4
G
1.85
2.25
3
3
3
3
1
1
1
1
2
2
2
2


Similar Part No. - SMP340

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
SMP3458 INTERFET-SMP3458 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
SMP3459 INTERFET-SMP3459 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
SMP3460 INTERFET-SMP3460 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
More results

Similar Description - SMP340

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCD1100 SECOS-SCD1100 Datasheet
208Kb / 2P
VOLTAGE 100V 1.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD2100 SECOS-SCD2100 Datasheet
362Kb / 2P
VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers
SCD3100 SECOS-SCD3100 Datasheet
308Kb / 2P
VOLTAGE 100V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM340FL SECOS-SM340FL Datasheet
160Kb / 2P
Voltage 40V 3.0 Amp Schottky Barrier Rectifiers
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
logo
PACELEADER INDUSTRIAL
PFM540-AS PACELEADER-PFM540-AS Datasheet
608Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS - 40V-100V
logo
Shenzhen Yixinwei Techn...
K32 YIXIN-K32 Datasheet
183Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SK32 BYTESONIC-SK32 Datasheet
190Kb / 2P
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Version 1.3 2019/5/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com