Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5467 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 14Page - Cirrus Logic CS5467 Datasheet HTML 15Page - Cirrus Logic CS5467 Datasheet HTML 16Page - Cirrus Logic CS5467 Datasheet HTML 17Page - Cirrus Logic CS5467 Datasheet HTML 18Page - Cirrus Logic CS5467 Datasheet HTML 19Page - Cirrus Logic CS5467 Datasheet HTML 20Page - Cirrus Logic CS5467 Datasheet HTML 21Page - Cirrus Logic CS5467 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
CS5467
18
DS714F3
5. PIN DESCRIPTIONS
5.1 Analog Pins
The CS5467 has four differential inputs: VIN1
VIN2
IIN1
, and IIN2 are the voltage1, voltage2, current1,
and current2 inputs, respectively. A single-ended power
fail monitor input, voltage reference input, and voltage
reference output are also available.
5.1.1 Voltage1 & Voltage2 Inputs
The output of the line voltage resistive divider or trans-
former is connected to the VIN1+ (VIN2+) and VIN1-
(VIN2-) input pins of the CS5467. The voltage channel
is equipped with a 10x, fixed-gain amplifier. The
full-scale signal level that can be applied to the voltage
channel is ±250 mV. If the input signal is a sine wave,
the
maximum
RMS
voltage
is
250 mVp /
2
176.78 mVRMS which is approximate-
ly 70.7% of maximum peak voltage.
5.1.2 Current1 & Current2 Inputs
The output of the current-sensing resistor or transform-
er is connected to the IIN1+ (IIN2+) and IIN1- (IIN2-) in-
put pins of the CS5467. To accommodate different
current-sensing elements, the current channel incorpo-
rates a programmable gain amplifier (PGA) with two se-
lectable input gains. The full-scale signal level for the
current channels is ±50 mV or ±250 mV. If the input sig-
nal is a sine wave, the maximum RMS voltage is
35.35 mVRMS or 176.78 mVRMS which is approxi-
mately 70.7% of maximum peak voltage.
5.1.3 Power Fail Monitor Input
An analog input (PFMON) is provided to determine
when a power loss is imminent. By connecting a resis-
tive divider from the unregulated meter power supply to
the PFMON input, an interrupt can be generated, or the
Low Supply Detected (LSD) Status register bit can be
monitored to indicate low-supply conditions. The PF-
MON input has a comparator that trips around the level
of the voltage reference input (VREFIN).
5.1.4 Voltage Reference Input
The CS5467 requires a stable voltage reference of
2.5 V applied to the VREFIN pin. This reference can be
supplied from an external voltage reference or from the
VREFOUT output. A bypass capacitor of at least 0.1
F
is recommended at the VREFIN pin.
5.1.5 Voltage Reference Output
The CS5467 generates a 2.5 V reference (VREFOUT).
It is suitable for driving the VREFIN pin, but has very lit-
tle fan-out capacity and is not recommended for driving
external circuits.
5.1.6 Crystal Oscillator
An external quartz crystal can be connected to the XIN
and XOUT pins as shown in Figure 7. To reduce system
cost, each pin is supplied with an on-chip, phase-shift-
ing capacitor to ground.
.
Alternatively, an external clock source can be connect-
ed to the XIN pin.
5.2 Digital Pins
5.2.1 Reset Input
The active-low RESET pin, when asserted, will halt all
CS5467 operations and reset internal hardware regis-
ters and states. When de-asserted, an initialization se-
quence begins, setting default register values.
5.2.2 CPU Clock Output
A logic-level clock output (CPUCLK) is provided at the
crystal frequency to drive an external CPU or microcon-
troller clock. Two phase choices are available.
5.2.3 Interrupt Output
The INT pin indicates an enabled Internal Status regis-
ter (Status) bit is set. Status register bits indicate condi-
tions such as data ready, modulator oscillations, low
supply, voltage sag, current faults, numerical overflows,
and result updates.
5.2.4 Energy Pulse Outputs
The CS5467 provides three pins (E1, E2, E3) for pulse
energy outputs. These pins can also be used to output
other conditions, such as voltage1 sign, power fail mon-
itor, or energy sign.
Figure 7. Oscillator Connections
Oscillator
Circuit
DGND
XIN
XOUT
C1
C1 =
22 pF
C2
C2 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com