Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5467 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5467
Description  Four-channel Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5467 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5467 Datasheet HTML 25Page - Cirrus Logic CS5467 Datasheet HTML 26Page - Cirrus Logic CS5467 Datasheet HTML 27Page - Cirrus Logic CS5467 Datasheet HTML 28Page - Cirrus Logic CS5467 Datasheet HTML 29Page - Cirrus Logic CS5467 Datasheet HTML 30Page - Cirrus Logic CS5467 Datasheet HTML 31Page - Cirrus Logic CS5467 Datasheet HTML 32Page - Cirrus Logic CS5467 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
CS5467
DS714F3
29
8. REGISTER DESCRIPTIONS
1. “Default” = bit states after power-on or reset
2. DO NOT write a “1” to any unpublished register bit.
3. DO NOT write to any unpublished register address.
8.1 Page Register
8.1.1 Page – Address: 31, Write-only, can be written from ANY page.
Default = 0
Register Read and Write commands contain only 5 address bits. But the internal address bus of the CS5467
is 12 bits wide. Therefore, registers are organized into “Pages”. There are 128 pages of 32 registers each.
The Page register provides the 7 high-order address bits and selects one of the 128 register pages. Not all
pages are used,
Page
is a write-only integer containing 7 bits.
8.2 Page 0 Registers
8.2.1 Configuration (Config) – Address: 0
Default = 1 (K=1)
PC[7:0]
Phase compensation for channel 1. Sets a delay in voltage, relative to current. Phase is
signed and in the range of -1.0
 value  1.0 sample (OWR) intervals.
EWA
Allows the E1 and E2 pins to be configured as open-drain outputs.
0 = Normal Outputs
1 = Open-drain Outputs
IMODE, IINV
Interrupt configuration. Selects INT pin behavior.
00 = Low Logic Level When Asserted
01 = High Logic Level When Asserted
10 = Low-going Pulse on New Interrupt
11 = High-going Pulse on New Interrupt
iCPU
Inverts the CPUCLK output.
0=Default
1 = Invert CPUCLK.
K[3:0]
Clock divider. Divides MCLK by K to generate internal clock DCLK. (DCLK = MCLK/K). K
is unsigned and in the range of 1 to 16. When zero, K = 16. At reset, K = 1.
MSB
LSB
26
25
24
23
22
21
20
23
22
21
20
19
18
17
16
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
15
14
13
12
11
10
9
8
EWA
-
-
IMODE
IINV
-
-
-
7
654
32
10
-
-
-
iCPU
K3K2
K1K0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com